Electronic Components Datasheet Search
  English  ▼

X  

683 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 683
Description  36mm Square 12V Digital RGB LED Pixels (Strand of 20) - WS2801
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

683 Datasheet(HTML) 2 Page - Adafruit Industries

  683 Datasheet HTML 1Page - Adafruit Industries 683 Datasheet HTML 2Page - Adafruit Industries 683 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
Each dot is digitally controlled, with an internal 8-bit PWM LED driver (24-bit
color for 16 million different shades). The pixels must be clocked by a
microcontroller, we have an example code linked below that works on an
Arduino, it should be simple to adapt it to any other microcontroller.
The pixels use 4 x 5050 RGB LEDs, with a 120 degree beam width. All of the
LEDs are controlled at once so you cannot have one pixel with the four LEDs
different colors. (Color control is per single square 4-LED pixel only) The total
max brightness of all LEDs is about 6000mcd. (Please note: mcd ratings of LEDs
are notoriously inflated by most LED sellers, so be extra-skeptical when
reviewing LED ratings!)
Sold by the strand, each strand has 20 pixels in series! Each strand has two JST
SM 3-pin connectors so you can connect multiple strands in a row, as many as
you wish, just watch for how much current they want. The two power wires are
brought out separately to make wiring easier, a 2.1mm terminal block adapter is
handy here to attach a DC power supply. We have a 12V/5A supply that should
be able to drive 2 or more strands (depending on current use). The LEDs are
constant-current driven so you'll have even colors through-out the strand as
long as you have a stable 12V supply
You can drive these with an Arduino using any two microcontroller digital
pins, check this library which also has example code to demonstrate the strands
and be sure to read our very detailed tutorial on usage!
TECHNICAL DETAILS
36mmx36mm squares (1.4") 5mm deep (0.2")
75mm / 3" apart on the strand
20 pieces per strand
These pixels use a WS2801 chip for full 24 bit color, constant-current
drive
12VDC power, 120mA maximum per pixel (LED on full white)
2-pin SPI-like protocol
WS2801 Datasheet for the chip inside each pixel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com