Electronic Components Datasheet Search
  English  ▼

X  

SP5255 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP5255
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP5255 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP5255 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP5255 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0223
Rev 3
Page 2 of 2
Performance Curves
Environment: One atmosphere dry nitrogen
TA = 27ºC - Nitrogen (1 ATM)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0.0
0.4
0.8
1.2
1.6
2.0
Heat
Load (W)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
0.0
1.0
2.0
3.0
0.0
0.4
0.8
1.2
1.6
2.0
Current (amps)
Q = 0
ΔT = 0
TA = 85ºC - Nitrogen (1 ATM)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.4
0.8
1.2
1.6
2.0
Heat
Load (W)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0.0
1.0
2.0
3.0
4.0
0.0
0.4
0.8
1.2
1.6
2.0
Current (amps)
Q = 0
ΔT = 0
For performance information in a vacuum or with hot side temperatures other than 27°C or 85°C, consult one of our
Applications Engineers.
Installation
Recommended mounting methods: Bonding with thermal epoxy or soldering with metallized ceramics. For
additional information, please refer to our TEC Installation Guide.
Operation Cautions
For maximum reliability, storage and operation below 85°C in a non-condensing environment is
recommended. To minimize thermal stress, use linear/proportional temperature control or a similar method
rather than an ON/OFF method.
Addresses
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
Marlow Industries Europe
Aberdeen House, South Road
Haywards Heath
West Sussex RH164NG UK
+44 (0)1444-443404 (tel)
+44 (0)1444-443334(fax)
II-VI Japan Inc.
WBG Marive East 17F
2-6 Nakase, Mihama-ku
Chiba-Shi, Chiba 261-7117
Japan
81 43 297 2693 (tel)
81 43 297 3003 (fax)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
Blk. 5012, Techplace II
#04-07 & 05-07/12, Ang Mo Kio Ave. 5
Singapore 569876
(65) 6481 8215 (tel)
(65) 6481 8702 (fax)
info@ii-vi.com.sg
www.ii-vi.com.sg
Marlow Industries China, II-VI
Technologies Beijing
A subsidiary of II-VI Incorporated
Rm 202, 1# Lize 2nd Middle Road
Wangjing, Chaoyang District
Beijing 100102 China
64391260 ext 105 (tel)
64399315 (fax)
info@iivibj.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com