Electronic Components Datasheet Search
  English  ▼

X  

SP5255 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP5255
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP5255 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP5255 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP5255 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0223
Rev 3
Page 1 of 2
Thermoelectric Cooler SP5255
Performance Values
Mechanical Characteristics
.237
[6.02]
.322
[8.18]
POSITIVE
LEADS: 30 AWG BUS
NEGATIVE
COPPER, TIN OVER NICKEL
2.00 ±.25
[50.80 ±6.35]
.065 ±.004
[1.65 ±.10]
HOT SIDE, Th
COLD SIDE, Tc
.004 [0.10] A
.001 [0.03]
.001 [0.03]
A
Ordering Options
Features
•
Contact Marlow Engineering Representative
Available Modifications
•
For information regarding additional ordering
options available, please contact a Marlow
engineering representative.
Hot Side Temperature (°C)
27°C
85°C
Δ Tmax (°C-dry N2):
69
89
Qmax (watts):
3.5
4.1
Imax (amps):
1.9
1.8
Vmax (vdc):
2.70
3.40
AC Resistance (ohms):
1.20
---
Model Number
Description
SP5255-13ACM
TEHP Assembly, Metallized
Exterior, Gold Flash
SP5255-14ACM
TEHP Assembly, Gold
Flash, Wire Sleeving
SP5255-15ACM
TEHP Assembly,
138°C/183° Tinning
Ceramic material: Alumina (AC)


Similar Part No. - SP5255

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SP5250 JINGHENG-SP5250 Datasheet
506Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SP5255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
Thermoelectric Cooler
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com