Electronic Components Datasheet Search
  English  ▼

X  

BQ2000 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2000 Datasheet HTML 3Page - Texas Instruments BQ2000 Datasheet HTML 4Page - Texas Instruments BQ2000 Datasheet HTML 5Page - Texas Instruments BQ2000 Datasheet HTML 6Page - Texas Instruments BQ2000 Datasheet HTML 7Page - Texas Instruments BQ2000 Datasheet HTML 8Page - Texas Instruments BQ2000 Datasheet HTML 9Page - Texas Instruments BQ2000 Datasheet HTML 10Page - Texas Instruments BQ2000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
IMAX
IMIN
Trickle
VLBAT
VMCV
Time
Phase1
Phase2
FastCharge
Voltage
Current
bq2000
www.ti.com
SLUS138D – JANUARY 2008 – REVISED DECEMBER 2009
Lithium-Ion Batteries
The bq2000 uses a two-phase fast-charge algorithm for Li-Ion batteries (Figure 4). In phase one, the bq2000
regulates constant current until VBAT rises to VMCV. Once VBAT = VMCV, the device identifies the cell as a Li-ion,
and changes the termination method from PVD to minimum current. The bq2000 then moves to phase two,
regulates the battery with constant voltage of VMCV, and terminates when the charging current falls below the IMIN
threshold or the timer expires (whichever happens first). A new charge cycle is started if the cell voltage falls
below the VRCH threshold.
Figure 4. Lithium-Ion Charge Algorithm
During the current-regulation phase, the bq2000 monitors charge time, battery temperature, and battery voltage
for adherence to the termination criteria. During the final constant-voltage stage, in addition to the charge time
and temperature, it monitors the charge current as a termination criterion. There is no post-charge maintenance
mode for Li-Ion batteries.
Table 1 summarizes the charging process for both Nickel and Li-Ion batteries.
Table 1. Charge Algorithm
BATTERY CHEMISTRY
CHARGE ALGORITHM
1. Charge qualification
2. Trickle charge, if required
3. Fast charge (constant current)
NiCd or NiMH
(VBAT < VMCV always)
4. Charge termination (peak voltage, maximum charge time = 1 MTO)
5. Top-off (optional)
6. Trickle charge
1. Charge qualification
2. Trickle charge, if required
Li-Ion
3. Fast charge (constant current)
(VBAT ≤ VMCV )
4. Fast charge (constant voltage)
5. Charge termination (minimum current, maximum charge time = 2 MTO)
FAST CHARGE TERMINATION
Initial Hold-OFF Period
The bq2000 incorporates a user programmable hold-off period to avoid premature fast charge termination that
can occur with brand new cells at the very beginning of fast charge. The values of the external resistor and
capacitor connected to the RC pin set the initial hold-off period. During this period, the bq2000 avoids early
termination due to an initial peak in the battery voltage by disabling the peak voltage-detection (PVD) feature.
This period is fixed at the programmed value of the maximum charge time (MTO) divided by 32.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com