Electronic Components Datasheet Search
  English  ▼

X  

BQ2000 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2000 Datasheet HTML 4Page - Texas Instruments BQ2000 Datasheet HTML 5Page - Texas Instruments BQ2000 Datasheet HTML 6Page - Texas Instruments BQ2000 Datasheet HTML 7Page - Texas Instruments BQ2000 Datasheet HTML 8Page - Texas Instruments BQ2000 Datasheet HTML 9Page - Texas Instruments BQ2000 Datasheet HTML 10Page - Texas Instruments BQ2000 Datasheet HTML 11Page - Texas Instruments BQ2000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
MTO
hold-off period =
32
bq2000
2
RC
7
6
VSS
VCC
CMTO
RMTO
MTO
MTO
MTO = R
C
35,988
´
´
bq2000
SLUS138D – JANUARY 2008 – REVISED DECEMBER 2009
www.ti.com
(1)
Maximum Charge Time (NiCD, NiMH, and Li-Ion)
The bq2000 sets the maximum charge-time through the RC pin. With the proper selection of external resistor and
capacitor values, various time-out values may be achieved. If the timer expires while still in constant-current
charging, the bq2000 assumes a Nickel chemistry and proceeds to top-off charge (if top-off is enabled) or trickle
maintenance charge. Figure 5 shows a typical connection.
Figure 5. Typical Connection for the RC Input
The following equation shows the relationship between the RMTO and CMTO values and the maximum charge time
(MTO) for the bq2000:
(2)
MTO is measured in minutes, RMTO in ohms, and CMTO in farads. (Note: RMTO and CMTO values also determine
other features of the device. See Table 4 and Table 5 for details.
If, during fast charge, VTS > VLTF, then the timer is paused and the IC enters battery conditioning charge until VTS
< VLTF. Since the IC is in the battery conditioning state, the LED flashes at the 1 Hz rate. Once VTS<VLTF, fast
charge restarts and the timer resumes from where it left off with no change in total fast charge time.
For Li-Ion cells, when the battery reaches the constant-voltage phase of fast charge, the bq2000 adds an
additional MTO of time to whatever time was left over from the constant current fast charge timer. Thus, the pack
could spend longer than 1 MTO in constant-voltage fast charge, but is always limited to 1 MTO in
constant-current fast charge. This feature provides the additional charge time required for Li-Ion cells.
For Nickel cells, if top-off is enabled, the timer is reset on the completion of fast charge before beginning top-off
charge.
Maximum Temperature (NiCd, NiMH, Li-Ion)
A negative-coefficient thermistor, referenced to VSS and placed in thermal contact with the battery, may be used
as a temperature-sensing device. Figure 6 shows a typical temperature-sensing circuit.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com