Electronic Components Datasheet Search
  English  ▼

X  

BQ2000T Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ2000T
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000T Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2000T Datasheet HTML 7Page - Texas Instruments BQ2000T Datasheet HTML 8Page - Texas Instruments BQ2000T Datasheet HTML 9Page - Texas Instruments BQ2000T Datasheet HTML 10Page - Texas Instruments BQ2000T Datasheet HTML 11Page - Texas Instruments BQ2000T Datasheet HTML 12Page - Texas Instruments BQ2000T Datasheet HTML 13Page - Texas Instruments BQ2000T Datasheet HTML 14Page - Texas Instruments BQ2000T Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
BAT-
PowerSupplyground
bq2000TgroundandBAT-
SNS
Rf
Cf
1
2
bq2000T
VSS
RSNS
MAX
SNS
0.05
I
=
R
CHYS
Hysteresis (V) = VCC
(C
+ C )
HYS
f
´
bq2000T
www.ti.com
SLUS149D – MAY 1999 – REVISED JANUARY 2010
Table 2. RC Pin Status (continued)
bq2000T CHARGE STATE
TS PIN STATE
RC PIN BEHAVIOR
VTS < VLTF
Active
Fast charge (current and voltage regulation)
VTS > VLTF (in battery conditioning state)
1-V to 2-V DC level (timer is paused and
resumes when VTS < VLTF)
VTS > VLTF (in trickle maintenance charge 1-V to 2-V DC level (timer is paused and
state)
resumes when VTS < VLTF)
Top-off charge
VLTF > VTS > VHTF
Active
Active (timer is still counting, even though
VHTF > VTS > VTCO
charging is suspended)
Trickle maintenance charge (after fast charge)
N/A
1-V to 2-V DC level
Charge complete
N/A
Active
Both top-off and trickle maintenance charge are terminated and the pack never receives any more charge (until a
charge initialization occurs) if the voltage on the BAT pin reaches VMCV. During trickle maintenance charge,
charging is suspended if VTS < VHTF. It resumes when VTS > VHTF. The bq2000T is designed to remain in trickle
maintenance charge forever (excluding the two faults just mentioned) in order to keep a Nickel pack full.
Charge Current Control
The bq2000T implements a hysteretic control loop that regulates the current being delivered to the battery pack
to a user programmable value that is set by the value of the RSNS resistor. A second, outer control loop reduces
the average current delivered to the pack in order to clamp the voltage at the BAT pin to a maximum of VMCV.
The bq2000T controls the MOD pin to regulate the current and voltage of the pack. The bq2000T monitors
charge current at the SNS input by sensing the voltage drop across a sense-resistor, RSNS, in series with the
battery pack. See Figure 8 for a typical current-sensing circuit.
Figure 8. Current-Sensing Circuit
RSNS is sized to provide the desired fast-charge current (IMAX).
(3)
If the voltage at the SNS pin is greater than VSNSLO or less than VSNSHI, the bq2000T switches the MOD output
high to pass charge current to the battery. When the SNS voltage is less than VSNSLO or greater than VSNSHI, the
bq2000T switches the MOD output low to shut off charging current to the battery. A hysteresis capacitor (CHYS) is
required between the CMOD pin and the SNS pin to add a healthy amount of hysteresis to the current sense
signal. Typical hysteresis values are between 5 mV and 25 mV. The amount of hysteresis can be calculated by
examining the capacitive divider formed by CHYS and Cf.
(4)
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com