Electronic Components Datasheet Search
  English  ▼

X  

BQ2000T Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ2000T
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000T Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2000T Datasheet HTML 8Page - Texas Instruments BQ2000T Datasheet HTML 9Page - Texas Instruments BQ2000T Datasheet HTML 10Page - Texas Instruments BQ2000T Datasheet HTML 11Page - Texas Instruments BQ2000T Datasheet HTML 12Page - Texas Instruments BQ2000T Datasheet HTML 13Page - Texas Instruments BQ2000T Datasheet HTML 14Page - Texas Instruments BQ2000T Datasheet HTML 15Page - Texas Instruments BQ2000T Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
0
20
40
60
80
100
120
140
160
180
220
720
1220 1720 2220 2720 3220 3720 4220
C -pF
f
R =748
f
W
50
70
90
110
130
150
170
190
210
200 300 400 500 600 700 800 900 1000 1100 1200
R -
f
W
C =1000pF
f
bq2000T
SLUS149D – MAY 1999 – REVISED JANUARY 2010
www.ti.com
Being a hysteretic controller, the switching frequency of the bq2000T is determined by the values of several of
the external circuit components. The components that affect the switching frequency are: input voltage, RSNS
value, inductor value, hysteresis capacitor value (CHYS), and the value of the filter on the current sense signal (Rf
and Cf values). Rf and Cf have the most impact on the switching frequency and are also the components that are
easiest to change to adjust the frequency, as they do not affect anything else in the circuit (besides, of course,
the cleanliness and quality of the current sense signal being fed to the bq2000T). In general, increasing the input
voltage and/or inductor value or decreasing CHYS and/or the Rf × Cf filter corner frequency increases the
switching frequency. Figure 9 and Figure 10 show empirical data on the variation in switching frequency based
on adjusting Rf and Cf. This data was taken with an input voltage of 12 V, inductor value of 220 µH, RSNS value
of 50 m
Ω, and CHYS value of 4.7 pF. Typical switching frequencies for the bq2000T are between 100 and 200
kHz, though it is possible to achieve switching frequencies in excess of 300 kHz.
Figure 9. Switching Frequency vs Capacitance
Figure 10. Switching Frequency vs Resistance
12
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com