Electronic Components Datasheet Search
  English  ▼

X  

XLT2421 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XLT2421
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XLT2421 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XLT2421 Datasheet HTML 1Page - List of Unclassifed Manufacturers XLT2421 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0321
Rev A
Page 2 of 2
Features
•
RoHS 2002/95/EC compliant
•
Specifically designed for thermal cycling applications
•
Capable of rapid heating and cooling rates
•
Proven High Reliability (Data available upon request)
•
Rugged construction
•
Porched configuration for enhanced leadwire strength
•
Rated operating temperature of 130°C
•
Height tolerance of ± 0.001 in. (± 0.025 mm) allows for multiple module applications
•
Modules with matched AC Resistance available
Performance Curves
Environment: One atmosphere dry nitrogen
TA = 27°C - Nitrogen (1 ATM)
0
10
20
30
40
50
60
70
0.0
2.0
4.0
6.0
8.0
10.0
Ht Ld
(W)
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
01
23
45
67
89
10
Current (amps)
Q = 0
ΔT = 0
TA = 50°C - Nitrogen (1 ATM)
0
10
20
30
40
50
60
70
0.0
2.0
4.0
6.0
8.0
10.0
Ht Ld
(W)
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
01
2
3
45
6
7
8
9
10
Current (amps)
Q = 0
ΔT = 0
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, consult one of our Applications
Engineers.
Installation
XLT coolers are typically mounted under compression using thermal grease or flexible graphite products.
Consult Marlow Industries’ Thermoelectric Installation Guide for more details. For additional information,
please contact one of our application engineers for technical support.
Addresses
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
www.marlow.com
Marlow Industries Europe
Aberdeen House, South Road
Haywards Heath
West Sussex RH164NG UK
+44 (0)1444-443404 (tel)
+44 (0)1444-443334(fax)
Marlow Industries Japan
1-1-8-401
Uehara, Shibuya-ku
Tokyo, Japan 151-0064
+81 (3) 5454-5280 (tel)
+81 (3) 5454-5281(fax)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com