Electronic Components Datasheet Search
  English  ▼

X  

XLT2421 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XLT2421
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XLT2421 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XLT2421 Datasheet HTML 1Page - List of Unclassifed Manufacturers XLT2421 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0321
Rev A
Page 1 of 2
Thermoelectric Cooler XLT2421
RoHS 2002/95/EC Compliant
Performance Values
Mechanical Characteristics
.192±.001 [4.88±0.025]
1.000 [25.40]
HOT SIDE, Th
COLD SIDE, Tc
.001[0.025]
.002[0.051] A
.001[0.025]
A
NEGATIVE LEAD (BLACK)
POSITIVE LEAD (RED)
1.130 [28.70]
1.000 [25.40]
4.0±.5
[101.60±12.70]
LEADWIRES- 20 AWG, 19/32 STRANDING
TEFLON INSULATED
Ceramic Material: Alumina (AC)
Dimensions in [ ] are millimeters
Ordering Options
1. Coolers are marked with color coded pencil dots, indicating bin ranges of ACR test results. See Binning
Chart. Coolers are grouped by color and used in applications requiring increased uniformity.
2. ACR value is written on each cooler in pencil, based on ACR test results.
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-dry N2):
61
69
Qmax (watts):
21
23
Imax (amps):
8.9
8.8
Vmax (vdc):
3.7
4.1
AC Resistance (ohms):
0.35
---
Description
Model No.
Leadwires
Bin Color
Code
Write
ACR
XLT2421-03AC
X
XLT2421-05AC
X
X
X
XLT2421-06AC
XLT2421-07AC
X
X
BLUE
COLOR
PURPLE
GREEN
BINNING CHART
ORANGE
BLACK
BROWN
D
F
E
ZONE
A
C
B
ACR
.340 - .344
.336 - .340
.352 - .356
.348 - .352
.344 - .348
.332 - .336
1
2


Similar Part No. - XLT2421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XLT2420 ETC2-XLT2420 Datasheet
193Kb / 2P
Thermoelectric Cooler
logo
II-VI Marlow, Inc.
XLT2420 VIMARLOW-XLT2420 Datasheet
173Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2420 VIMARLOW-XLT2420 Datasheet
528Kb / 2P
Single-Stage Thermoelectric Module
logo
List of Unclassifed Man...
XLT2420-00L ETC2-XLT2420-00L Datasheet
193Kb / 2P
Thermoelectric Cooler
logo
II-VI Marlow, Inc.
XLT2420-00L VIMARLOW-XLT2420-00L Datasheet
173Kb / 2P
Single-Stage Thermoelectric Cooler
More results

Similar Description - XLT2421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
Thermoelectric Cooler
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com