Electronic Components Datasheet Search
  English  ▼

X  

HC4020 Datasheet(PDF) 6 Page - Texas Instruments

Part # HC4020
Description  CDx4HC4020, CDx4HCT4020 CDHigh-Speed CMOS Logic 14-Stage Binary Counter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HC4020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HC4020 Datasheet HTML 2Page - Texas Instruments HC4020 Datasheet HTML 3Page - Texas Instruments HC4020 Datasheet HTML 4Page - Texas Instruments HC4020 Datasheet HTML 5Page - Texas Instruments HC4020 Datasheet HTML 6Page - Texas Instruments HC4020 Datasheet HTML 7Page - Texas Instruments HC4020 Datasheet HTML 8Page - Texas Instruments HC4020 Datasheet HTML 9Page - Texas Instruments HC4020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5.5 Prerequisite for Switching Characteristics
PARAMETER
VCC (V)
25
℃
-40
℃ to 85℃
-55
℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
fMAX
Maximum input pulse
frequency
2
6
5
4
MHz
4.5
30
25
20
6
35
29
24
tW
Input pulse width
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tREM
Reset removal time
2
50
65
75
ns
4.5
10
13
15
6
9
11
13
tW
Reset pulse width
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
HCT TYPES
fMAX
Maximum input pulse
frequency
4.5
25
20
16
MHz
tW
Input pulse width
4.5
20
25
30
ns
tREC
Reset recovery time
4.5
10
13
15
ns
tW
Reset pulse width
4.5
20
25
30
ns
5.6 Switching Characteristics
Input tr, tf = 6 ns. See Parameter Measurement Information
PARAMETER
TEST
CONDITIONS
VCC (V)
25
℃
-40
℃ to 85℃ -55℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tPLH,
tPHL
Propagation delay time
CP to Q1' Output
CL = 50 pF
2
140
175
210
ns
4.5
28
35
42
CL = 15 pF
5
11
CL = 50 pF
6
24
30
36
tPLH,
tPHL
Qn to Qn + 1
CL = 50 pF
2
75
95
110
ns
4.5
15
19
22
CL = 15 pF
5
6
CL = 50 pF
6
13
16
19
tPLH,
tPHL
MR to Qn
CL = 50 pF
2
170
215
255
ns
4.5
34
43
51
5
14
6
29
37
43
tTLH,
tTHL
Output transition time
CL = 50 pF
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
CIN
Input capacitance
CL = 50 pF
10
10
10
pF
CPD
Power dissipation capacitance(1) (2)
CL = 15 pF
5
30
pF
HCT TYPES
CD54HC4020, CD74HC4020, CD54HCT4020, CD74HCT4020
SCHS201D – FEBRUARY 1998 – REVISED AUGUST 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC4020 CD74HC4020 CD54HCT4020 CD74HCT4020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com