Electronic Components Datasheet Search
  English  ▼

X  

HC4020 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC4020
Description  CDx4HC4020, CDx4HCT4020 CDHigh-Speed CMOS Logic 14-Stage Binary Counter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HC4020 Datasheet(HTML) 1 Page - Texas Instruments

  HC4020 Datasheet HTML 1Page - Texas Instruments HC4020 Datasheet HTML 2Page - Texas Instruments HC4020 Datasheet HTML 3Page - Texas Instruments HC4020 Datasheet HTML 4Page - Texas Instruments HC4020 Datasheet HTML 5Page - Texas Instruments HC4020 Datasheet HTML 6Page - Texas Instruments HC4020 Datasheet HTML 7Page - Texas Instruments HC4020 Datasheet HTML 8Page - Texas Instruments HC4020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CDx4HC4020, CDx4HCT4020 CDHigh-Speed CMOS Logic 14-Stage Binary Counter
1 Features
• Fully static operation
• Buffered inputs
• Common reset
• Negative edge clocking
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temperature range: -55
℃ to 125℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL = 0.8
V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1 µA at VOL,VOH
2 Description
The ’HC4020 and ’HCT4020 are 14-stage ripple-carry
binary counters. All counter stages are controller/
peripheral flip- flops. The state of the stage advances
one count on the negative clock transition of each
input pulse; a high voltage level on the MR line resets
all counters to their zero state. All inputs and outputs
are buffered.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD54HC4020
J (CDIP, 16)
24.38 mm × 6.92 mm
CD74HC4020CD74
HC4020
D (SOIC, 16) 9.90 mm × 3.90 mm
N (PDIP, 16)
19.31 mm × 6.35 mm
CD54HCT4020
J (CDIP, 16)
24.38 mm × 6.92 mm
CD74HCT4020CD7
4HCT4020
D (SOIC, 16) 9.90 mm × 3.90 mm
N (PDIP, 16)
19.31 mm × 6.35 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Functional Block Diagram
CD54HC4020, CD74HC4020, CD54HCT4020, CD74HCT4020
SCHS201D – FEBRUARY 1998 – REVISED AUGUST 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HC4020

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC4025 AURIS-HC4025 Datasheet
110Kb / 1P
Quartz SMD, Ceramic
HC4025 AURIS-HC4025 Datasheet
496Kb / 1P
Quartz SMD, Ceramic
HC4025/4 AURIS-HC4025/4 Datasheet
496Kb / 1P
Quartz SMD, Ceramic
HC4025 AURIS-HC4025_1 Datasheet
496Kb / 1P
Quartz SMD, Ceramic
More results

Similar Description - HC4020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
High Speed CMOS Logic 14-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
High Speed CMOS Logic 12-Stage Binary Counter
CD74HC4060 TI-CD74HC4060 Datasheet
47Kb / 10P
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4060 TI-CD54HC4060 Datasheet
315Kb / 15P
High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
High-Speed CMOS Logic 14-Stage Binary Counter
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4060 TI-CD54HC4060_07 Datasheet
449Kb / 17P
High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4060 TI-CD54HC4060_08 Datasheet
590Kb / 18P
High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
High-Speed CMOS Logic 14-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com