Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2863
Description  NeoPixel Ring - 24 x 5050 RGBW LEDs w/ Integrated Drivers - Cool White - ~6000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2863 Datasheet(HTML) 1 Page - Adafruit Industries

  2863 Datasheet HTML 1Page - Adafruit Industries 2863 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NeoPixel Ring - 24 x 5050 RGBW LEDs w/ Integrated Drivers - Cool
White - ~6000K
PRODUCT ID: 2863
Description
What is better than smart RGB LEDs? Smart RGB+White LEDs! These NeoPixel rings now have 4 LEDs
in them (red, green, blue
and white) for excellent lighting effects. Round and round and round
they go!  
This is the 24 LED RGBW NeoPixel Ring in Cool White. We have a ton of other NeoPixel rings in the store to 
check out!
24 ultra bright smart LED NeoPixels are arranged in a circle with 2.58" (65.5mm) outer diameter.
The rings are 'chainable' - connect the output pin of one to the input pin of another. Use only one
microcontroller pin to control as many as you can chain together! Each LED is addressable as the
driver chip is inside the LED. Each one has ~18mA constant current drive so the color will be very
consistent even if the voltage varies, and no external choke resistors are required making the
design slim. Power the whole thing with 5VDC and you're ready to rock.
The NeoPixel is 'split', one half is the RGB you know and love, the other half is a white LED with a
yellow phosphor. Unlit, it resembles an egg yolk. Lit up these are insanely bright (like ow my eye
hurts) and can be controlled with 8-bit PWM per channel (8 x 4 channels = 32-bit color overall).
Great for adding lots of colorful + white dots to your project!
NeoPixel LEDs use 800 KHz protocol so specific timing is required. On NeoPixels, the PWM rate is ~400 Hz, 
which works well but is noticable if the LED is moving. In comparison, DotStars have a 20 KHz PWM rate, so 
even when moving the LED around, you won't see the pixelation, the blending is very smooth. (we 
recommend DotStars if you can use them) 


Similar Part No. - 2863

ManufacturerPart #DatasheetDescription
logo
Heyco.
2863 HEYCO-2863 Datasheet
113Kb / 1P
Shorty Universal Bushings
logo
Christian Bürkert GmbH ...
2863 BURKERT-2863 Datasheet
1Mb / 13P
Direct acting 2-way basic proportional valve
02.09.2021
logo
PHOENIX CONTACT
2863070 PHOENIX-2863070 Datasheet
190Kb / 6P
INTERBUS bus coupler, copper connection, 24 V DC, complete with accessories (connector and labeling field)
2863083 PHOENIX-2863083 Datasheet
578Kb / 13P
Analog module - IB IL AO 2/SF-PAC
Dec 8, 2022
logo
Belden Inc.
28630A BELDEN-28630A Datasheet
157Kb / 2P
TC VN/PVC, 37 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results

Similar Description - 2863

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
OSW44L56A1A E-OEC-OSW44L56A1A Datasheet
110Kb / 1P
4.8mm Straw Cool White LED
logo
OptoSupply Internationa...
OST10WG15RC-W44LS1C1A OPTOSUPPLY-OST10WG15RC-W44LS1C1A Datasheet
64Kb / 1P
T10 Cool White 15SMD
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
COOL AND WARM WHITE LED
logo
LUMEX INC.
SML-LX4747UWC-TR10 LUMEX-SML-LX4747UWC-TR10 Datasheet
356Kb / 4P
12mm x 12mm SURFACE MOUNT LED, COOL WHITE
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
5mm Round Cool White LED
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
3mm Tower Cool White LED
logo
LUMEX INC.
SML-LX4747UWCATR10 LUMEX-SML-LX4747UWCATR10 Datasheet
379Kb / 4P
12mm x 12mm SURFACE MOUNT LED, COOL WHITE
logo
Inolux Corporation
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
5050 RGBW LED 4-Pin with Integrated IC
logo
Cree, Inc
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
Cree짰 J Series??5050 9?멫 LEDs
logo
SparkFun Electronics
PRT-14502 SPARKFUN-PRT-14502 Datasheet
137Kb / 1P
Fairy Lights ??Cool White (2.5m)
11??0??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com