Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2863
Description  NeoPixel Ring - 24 x 5050 RGBW LEDs w/ Integrated Drivers - Cool White - ~6000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2863 Datasheet(HTML) 2 Page - Adafruit Industries

  2863 Datasheet HTML 1Page - Adafruit Industries 2863 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NeoPixels are 5050-sized LEDs with an embedded microcontroller inside the LED . You can set the
brightness and color of each R/G/B/W with 8-bit PWM precision (so 32-bit color per pixel). The
LEDs are controlled by shift-registers and only 1 digital output pin are required to send data down.
The PWM is built into each LED-chip so once you set the color you can stop talking to the ring and
it will continue to PWM all the LEDs for you.
We have a tutorial showing wiring, power usage calculations, example code for usage, etc. for NeoPixel 
Please check it out! Please note you will need a NeoPixel library with RGBW support which is not always 
available. If you try to control these with a plain 'RGB' NeoPixel library, you'll get very weird results. Our 
Adafruit NeoPixel library does support RGBW but if you're using something else, just be aware that it might 
require some hacking.
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in any shape and size. Including 
ready‐to‐go library & example code for the Arduino UNO/Duemilanove/Diecimila, Flora/Micro/Leonardo, 
Trinket/Gemma, Arduino Due & Arduino Mega/ADK (all versions)
Comes as a single ring with 24 individually addressable RGBW LEDs assembled and tested.
Technical Details
Outer diameter: 65.5mm / 2.58"
Inner diameter: 52.2mm / 2.05"
Thickness: 3.25mm / 0.13"
Weight: 6.6g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com