Electronic Components Datasheet Search
  English  ▼

X  

ICS9DB202 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9DB202
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB202 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS9DB202_06 Datasheet HTML 2Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 3Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 4Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 5Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 6Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 7Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 8Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 9Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IDT™ / ICS™ PCI EXPRESS JITTER ATTENUATOR
6
ICS9DB202CG REV B JULY 14, 2006
ICS9DB202
PCI EXPRESS JITTER ATTENUATOR
SCOPE
HCSL
Qx
nQx
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
DIFFERENTIAL INPUT LEVEL
3.3V HCSL OUTPUT LOAD AC TEST CIRCUIT
0V
CYCLE-TO-CYCLE JITTER
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
3.3V±5%
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
tsk(o)
PCIEXCx
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
PCIEXTy
PCIEXCx
PCIEXTy
HCSL OUTPUT RISE/FALL TIME
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
PCIEXT0,
PCIEXT1
PCIEXC0,
PCIEXC1
V
DD
GND
➤
➤
PCIEXT0,
PCIEXT1
PCIEXC0,
PCIEXC1
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
3.3V±5%
V
DDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com