Electronic Components Datasheet Search
  English  ▼

X  

ICS9DB202 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9DB202
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB202 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9DB202_06 Datasheet HTML 1Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 2Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 3Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 4Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 5Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 6Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 7Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 8Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PCI EXPRESS JITTER ATTENUATOR
ICS9DB202
IDT™ / ICS™ PCI EXPRESS JITTER ATTENUATOR
1
ICS9DB202CG REV B JULY 14, 2006
GENERAL DESCRIPTION
The ICS9DB202 is a high perfromance 1-to-2
Differential-to-HCSL Jitter Attenuator designed for
use in PCI Express™ systems. In some PCI
Express™ systems, such as those found in desktop
PCs, the PCI Express™ clocks are generated from
a low bandwidth, high phase noise PLL frequency synthesizer.
In these systems, a jitter-attenuating device may be necessary
in order to reduce high frequency random and deterministic
jitter components from the PLL synthesizer and from the system
board. The ICS9DB202 has two PLL bandwidth modes. In low
bandwidth mode, the PLL loop bandwidth is 500kHz. This setting
offers the best jitter attenuation and is still high enough to pass
a triangular input spread spectrum profile. In high bandwidth
mode, the PLL bandwidth is at 1MHz and allows the PLL to
pass more spread spectrum modulation.
For serdes which have x10 reference multipliers instead of x12.5
multipliers, each of the two PCI Express™ outputs (PCIEX0:1)
can be set for 125MHz instead of 100MHz by configuring the
appropriate frequency select pins (FS0:1).
FEATURES
• Two 0.7V current mode differential HCSL output pairs
• One differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 140MHz
• Input frequency range: 90MHz - 140MHz
• VCO range: 450MHz - 700MHz
• Output skew: 110ps (maximum)
• Cycle-to-cycle jitter: 110ps (maximum)
• RMS phase jitter @ 100MHz, (1.5MHz - 22MHz):
2.42ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
• Industrial temperature information available upon request
HiPerClockS™
ICS
PIN ASSIGNMENT
nOE0
nCLK
CLK
BYPASS
nOE1
PCIEXT0
nPCIEXC0
PCIEXT1
nPCIEXC1
BLOCK DIAGRAM
ICS9DB202
20-Lead TSSOP
6.50mm x 4.40mm x 0.92
package body
G Package
Top View
ICS9DB202
20-Lead, 209-MIL SSOP
5.30mm x 7.20mm x 1.75mm
body package
F Package
Top View
Phase
Detector
VCO
Loop
Filter
1 HiZ
0 Enabled
1 HiZ
0 Enabled
0 ÷4
1 ÷5
0 ÷5
1 ÷4
FS0
FS1
Internal Feedback
÷5
Current
Set
-
+
0
1
0
1
IREF
PLL_BW
CLK
nCLK
FS0
VDD
GND
PCIEXT0
PCIEXC0
VDD
nOE0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDDA
BYPASS
IREF
FS1
VDD
GND
PCIEXT1
PCIEXC1
VDD
nOE1


Similar Part No. - ICS9DB202_06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB202CF ICST-ICS9DB202CF Datasheet
263Kb / 11P
Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
REV. A OCTOBER 6, 2004
ICS9DB202CFLF ICST-ICS9DB202CFLF Datasheet
263Kb / 11P
Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
REV. A OCTOBER 6, 2004
ICS9DB202CFLFT ICST-ICS9DB202CFLFT Datasheet
263Kb / 11P
Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
REV. A OCTOBER 6, 2004
ICS9DB202CFT ICST-ICS9DB202CFT Datasheet
263Kb / 11P
Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
REV. A OCTOBER 6, 2004
ICS9DB202CG ICST-ICS9DB202CG Datasheet
263Kb / 11P
Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
REV. A OCTOBER 6, 2004
More results

Similar Description - ICS9DB202_06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 21, 2005
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
PCI Express, Jitter Attenuator
REV. A APRIL 7, 2005
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
PCI EXPRESS??Jitter Attenuator
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
PCI Express Jitter Attenuator
March 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com