Electronic Components Datasheet Search
  English  ▼

X  

BGS1 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS1
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS1 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS1_V01 Datasheet HTML 1Page - BeRex Corporation BGS1_V01 Datasheet HTML 2Page - BeRex Corporation BGS1_V01 Datasheet HTML 3Page - BeRex Corporation BGS1_V01 Datasheet HTML 4Page - BeRex Corporation BGS1_V01 Datasheet HTML 5Page - BeRex Corporation BGS1_V01 Datasheet HTML 6Page - BeRex Corporation BGS1_V01 Datasheet HTML 7Page - BeRex Corporation BGS1_V01 Datasheet HTML 8Page - BeRex Corporation BGS1_V01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1
1
Rev. 13.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
• 3 ~ 3.2V supply
• No Dropping Resistor Required
• No matching circuit needed
• Green/RoHS2 compliant SOT-363 package
• Application: Driver Amplifier, Cellular, PCS, GSM,
UMTS, WCDMA, Wireless Data
BeRex’s BGS1 is a high SiGe HBT MMIC am-
plifier, internally matched to 50 Ohms with-
out the need for external components. De-
signed to run directly from a 3.2V supply.
The BGS1 is designed for high linearity 3.2V
gain block applications . It is packaged in a
RoHS2-compliant with SOT-363 surface
mount package.
Product Description
Device Features
• Driver Amplifier
• Cellular, PCS, GSM, UMTS, WCDMA
• Military wireless system
Applications
Applications Circuit
*C1, C2, C3 =100 pF ± 5%; C4 = 1 nF ± 5%; C5 = 10uF; **L1 = 56nH
**less than 56nH improves RF performance at over 0.9GHz.
*1uH or higher value L1 improves RF performance at under 900MHz.
*Optimum value of L1 may vary with board design.
*C1,C2=2nF, L1=1uH for 70MHz application,
B1X
X
IN
GND
GND
OUT
GND
GND
Pin Description
RF IN
3
RF OUT
6
GND
1,2,4,5
Application Circuit Values Example
Freq.
70~900MHz
900MHz ~ 3GHz
3GHz ~ 4GHz
C1/C2
2nF
100pF
10pF
L1
1uH
56nH
12nH
(1608 Chip Ind.)
*C1,C2=10pF, L1=12nH for 3.5GHz application,
Part Marking (XX:Wafer number)
Electrical Specifications
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+165
°C
Supply Voltage
+3.9
V
Supply Current
100
mA
Input RF Power
15
dBm
Operation of this device above any of these parameters may result in permanent damage.
Device performance_ measured on a BeRex evaluation board at 25°C, Vd=3.2V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
50
4000
MHz
Test Frequency
900
MHz
Gain
20.7
22.2
dB
Input Return Loss
-31.3
dB
Output Return Loss
-17.1
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
23.0
26.0
dBm
Output P1dB
15.7
16.7
dBm
Noise Figure
2.9
dB
Parameter
Min
Typ
Max
Unit
Bandwidth
50
4000
MHz
IC @ (Vc = 3.2V)
20
26
32
mA
VC
3.0
3.2
3.3
V
dG/dT
0.003
RTH
130
°C/W
Operating Case Temperature
-40
+105
°C
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
C1
C2
RF In
RF Out
BGS1
Vcc
L1
C3
C4
C5


Similar Part No. - BGS1_V01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
BGS110MN20E6327 INFINEON-BGS110MN20E6327 Datasheet
32Kb / 1P
Material Content Data Sheet
4. September 2015
BGS110MN20E6327 INFINEON-BGS110MN20E6327_15 Datasheet
32Kb / 1P
Material Content Data Sheet
4. September 2015
BGS12A INFINEON-BGS12A Datasheet
298Kb / 8P
SPDT RF Switch
V1.1, Sep. 2007
BGS12AL7-4 INFINEON-BGS12AL7-4 Datasheet
1Mb / 15P
SPDT RF Switch
Revision 1.3, 2009-06-24
More results

Similar Description - BGS1_V01

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2 Datasheet
815Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1 Datasheet
795Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_16 Datasheet
1,014Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_18 Datasheet
638Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_18 Datasheet
639Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_18 Datasheet
715Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com