Electronic Components Datasheet Search
  English  ▼

X  

BGS1 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BGS1
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS1 Datasheet(HTML) 2 Page - BeRex Corporation

  BGS1_V01 Datasheet HTML 1Page - BeRex Corporation BGS1_V01 Datasheet HTML 2Page - BeRex Corporation BGS1_V01 Datasheet HTML 3Page - BeRex Corporation BGS1_V01 Datasheet HTML 4Page - BeRex Corporation BGS1_V01 Datasheet HTML 5Page - BeRex Corporation BGS1_V01 Datasheet HTML 6Page - BeRex Corporation BGS1_V01 Datasheet HTML 7Page - BeRex Corporation BGS1_V01 Datasheet HTML 8Page - BeRex Corporation BGS1_V01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1
2
Rev. 13.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
Typical Performance (Vd = 3.0V, Ic = 20mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
S21
dB
21.8
20.9
18.3
17.7
16.7
22.1
16
S11
dB
-12.2
-16.8
-19.2
-17.5
-13.9
-10.6
-12.7
S22
dB
-14.8
-16.3
-11.1
-11.1
-11.8
-13.5
-15.1
P1
dBm
15
16.6
15.1
13.3
12.9
14.7
12.5
OIP3
dBm
21
23.5
24.4
24.5
24.7
20.4
22
NF
dB
3.0
2.9
3.0
3.0
3.3
3.0
3.5
Typical Performance (Vd = 3.1V, Ic = 23mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
S21
dB
22.8
21.6
18.8
18.1
17.2
23.1
16.4
S11
dB
-14.5
-21.8
-24.4
-21.4
-16.1
-12.2
-14.3
S22
dB
-18.8
-17.6
-11.5
-11.4
-12.3
-17
-16.2
P1
dBm
15.5
16.7
15.1
13.3
12.6
15.2
12.4
OIP3
dBm
28
24
25
24.5
24.3
24
23
NF
dB
3.0
2.9
3.0
3.0
3.3
3.0
3.5
Typical Performance (Vd = 3.3V, Ic = 30mA, T = 25°C)
Freq
MHz
70
900
1900
2140
2450
50
2650
S21
dB
24.4
22.7
19.6
18.9
17.9
24.7
17
S11
dB
-17.8
-27.4
-33.6
-31.4
-20.8
-14.2
-17.2
S22
dB
-21.2
-15.8
-11.8
-11.7
-12.8
-20.5
-17.4
P1
dBm
16.3
16.7
14.9
13.3
12.5
16
12.3
OIP3
dBm
27.5
27.5
26.5
25
24.5
29.5
25
NF
dB
3.0
2.9
3.0
3.0
3.3
3.0
3.5
Typical Performance (Vd = 3.2V, Ic = 26mA, T = 25°C)
Freq
MHz
50
70
900
1900
2140
2450
2650
3500
S21
dB
24
23.6
22.2
19.2
18.6
17.3
16.7
14.9
S11
dB
-13.6
-16.8
-31.3
-35.5
-26.5
-18.3
-15.8
-11.4
S22
dB
-20.5
-23
-17.1
-11.7
-11.7
-12.6
-17
-15.3
P1
dBm
15.6
15.9
16.7
14.9
13.2
12.6
12.4
9.9
OIP3
dBm
28
27.5
26
25.4
24.7
24
24
19.2
NF
dB
3
3
2.9
3
3
3.3
3.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com