Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310 Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB1310
Description  USB 3.0 Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1310 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1310 Datasheet HTML 1Page - Texas Instruments TUSB1310 Datasheet HTML 2Page - Texas Instruments TUSB1310 Datasheet HTML 3Page - Texas Instruments TUSB1310 Datasheet HTML 4Page - Texas Instruments TUSB1310 Datasheet HTML 5Page - Texas Instruments TUSB1310 Datasheet HTML 6Page - Texas Instruments TUSB1310 Datasheet HTML 7Page - Texas Instruments TUSB1310 Datasheet HTML 8Page - Texas Instruments TUSB1310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TUSB1310
www.ti.com
SLLSE16E
– DECEMBER 2009 – REVISED MAY 2011
4.2.8
USB Interrupt Latch (14h)
..................................................................................... 25
4.2.9
Debug (15h)
..................................................................................................... 25
4.2.10
Scratch Register (16-18h)
..................................................................................... 25
5
DESIGN GUIDELINES
......................................................................................................... 26
5.1
Chip Connection on PCB
................................................................................................. 26
5.1.1
USB Connector Pins Connection
............................................................................. 26
5.1.2
Clock Connections
.............................................................................................. 27
5.2
Clock Source Requirements
............................................................................................. 28
5.2.1
Clock Source Selection Guide
................................................................................ 28
5.2.2
Oscillator
......................................................................................................... 29
5.2.3
Crystal
............................................................................................................ 29
6
ELECTRICAL SPECIFICATIONS
.......................................................................................... 30
6.1
ABSOLUTE MAXIMUM RATINGS
...................................................................................... 30
6.2
RECOMMENDED OPERATING CONDITIONS
....................................................................... 30
6.3
DC CHARACTERISTICS FOR 1.8-V DIGITAL IO
.................................................................... 30
6.4
DEVICE POWER CONSUMPTION
..................................................................................... 31
6.5
AC Characteristics
......................................................................................................... 31
6.5.1
Power Up and Reset Timing
.................................................................................. 31
6.5.2
PIPE Transmit
................................................................................................... 32
6.5.3
PIPE Receive
................................................................................................... 32
6.5.4
ULPI Parameters
............................................................................................... 33
6.5.5
ULPI Clock
....................................................................................................... 33
6.5.6
ULPI Transmit
................................................................................................... 33
6.5.7
ULPI Receive Timing
........................................................................................... 34
6.5.8
Power State Transition Time
.................................................................................. 34
Copyright
© 2009–2011, Texas Instruments Incorporated
Contents
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com