Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310 Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB1310
Description  USB 3.0 Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1310 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 28Page - Texas Instruments TUSB1310 Datasheet HTML 29Page - Texas Instruments TUSB1310 Datasheet HTML 30Page - Texas Instruments TUSB1310 Datasheet HTML 31Page - Texas Instruments TUSB1310 Datasheet HTML 32Page - Texas Instruments TUSB1310 Datasheet HTML 33Page - Texas Instruments TUSB1310 Datasheet HTML 34Page - Texas Instruments TUSB1310 Datasheet HTML 35Page - Texas Instruments TUSB1310 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
TX _ CLK
TX _ DATA 15 - 0
TX _ DATAK
1 - 0
Valid Data
Thd 2
Tcyc 2
Tsu 2
PCLK
RX _ DATA
15 - 0
RX _ DATAK
1 - 0
RX _ VALID
RX _STATUS
2 - 0
PHY _ STATUS
Valid Data
Tcyc 3
Tdly 3
TUSB1310
SLLSE16E
– DECEMBER 2009 – REVISED MAY 2011
www.ti.com
Table 6-1. Power Up and Reset Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Tcfgin1
Hardware configuration latch-in time from RESETN
0
ns
Tcfgin2
Time from RESETN to dDriver outputs on strapping pins
0
ns
RESETN pulse width
1
µs
RESETN to PHY_STATUS de-assertion
300
µs
6.5.2
PIPE Transmit
Figure 6-2. PIPE Transmit Timing
Table 6-2. PIPE Transmit Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Tcyc2
TX_CLK Period
4
ns
Tdty2
TX_CLK Period
50
%
Tsu2
Data Setup to TX_CLK rise and TX_CLK fall(1)
1
ns
Thd2
Data Hold to TX_CLK rise and TX_CLK fall(1)
0
ns
(1)
This includes TX_DATA15-0, TX_DATAK1-0, TX_ONESZEROS, RATE, TX_DEEMPTH, TX_DETRX_LPBK, TX_ELECIDLE,
TX_MARGIN, TX_SWING, RX_POLARITY, POWER_DOWN1-0.
6.5.3
PIPE Receive
Figure 6-3. PIPE Receive Timing
Table 6-3. PIPE Receive Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Tcyc3
PCLK Period
4
ns
Tdty3
PCLK Duty Cycle
50
%
PCLK rise and fall to RX_DATA15-0, RX_DATAK1-0, RX_VALID,
Tdly3
1
2
ns
RX_STATUS2-0, PHY_STATUS Delay(1)(2)
(1)
Output Load max = 10 pF, min = 5 pF
(2)
Timing is relative to the 50% transition point, not VIH/VIL.
32
ELECTRICAL SPECIFICATIONS
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com