Electronic Components Datasheet Search
  English  ▼

X  

TUSB1106 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1106 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1106 Datasheet HTML 3Page - Texas Instruments TUSB1106 Datasheet HTML 4Page - Texas Instruments TUSB1106 Datasheet HTML 5Page - Texas Instruments TUSB1106 Datasheet HTML 6Page - Texas Instruments TUSB1106 Datasheet HTML 7Page - Texas Instruments TUSB1106 Datasheet HTML 8Page - Texas Instruments TUSB1106 Datasheet HTML 9Page - Texas Instruments TUSB1106 Datasheet HTML 10Page - Texas Instruments TUSB1106 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TUSB1106-Q1
www.ti.com
SCAS916
– AUGUST 2011
STATIC ELECTRICAL CHARACTERISTICS
– SUPPLY PINS
over recommended ranges of operating free-air temperature and supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Regulated
Vreg(3.3)
Internal regulator option, Iload ≤ 300 μA
(1) (2)
3
3.3
3.6
V
supply-voltage output
Full-speed transmitting and receiving at 12 Mbit/s,
ICC
Operating supply current
6
8
mA
CL = 50 pF on D+ and D–
(3)
ICC(I/O)
Operating I/O supply current
Full-speed transmitting and receiving at 12 Mbit/s(3)
2.3
2.5
mA
Full-speed idle:
Supply current during
VD+ > 2.7 V, VD– < 0.3 V
ICC(idle)
500
μA
full-speed idle and SE0
SE0:
VD+ < 0.3 V, VD– < 0.3 V
(4)
ICC(I/O)(static)
Static I/O supply current
Full-speed idle, SE0 or suspend
10
22
μA
ICC(susp)
Suspend supply current
SUSPND = HIGH(4)
10
22
μA
ICC(dis)
Disable-mode supply current
VCC(I/O) not connected
(4)
10
22
μA
Sharing-mode I/O
ICC(I/O)(sharing)
VCC(5.0) or Vreg(3.3) not connected
10
22
μA
supply current
Sharing-mode load current
VCC(5.0) or Vreg(3.3) not connected,
IDx(sharing)
10
μA
on D+ and D
–
SOFTCON = LOW, VDx = 3.6 V
Supply lost
0.8
during power down
Regulated supply-voltage
1.65 V
≤ VCC(I/O) ≤ Vreg(3.3),
Vreg(3.3)th
V
detection threshold
2.7 V
≤ Vreg(3.3) ≤ 3.6 V
Supply detect
2.4
during power up(5)
Regulated supply-voltage
Vreg(3.3)hys
VCC(I/O) = 1.8 V
0.45
V
detection hysteresis
Supply lost
0.5
during power down
I/O supply-voltage
VCC(I/O)th
Vreg(3.3) = 2.7 V to 3.6 V
V
detection threshold
Supply detect
1.4
during power up
I/O supply-voltage
VCC(I/O)hys
Vreg(3.3) = 3.3 V
0.45
V
detection hysteresis
(1)
Iload includes the pullup resistor current via Vpu(3.3).
(2)
In suspend mode, the typical voltage is 2.8 V.
(3)
Maximum value is characterized only, not tested in production.
(4)
Excluding any load current and Vpu(3.3)/Vsw source current to the 1.5-kΩ and 15-kΩ pullup and pulldown resistors (200 μA typ)
(5)
When VCC(I/O) < 2.7 V, the minimum value for Vreg(3.3)th (present) is 2 V.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TUSB1106-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com