Electronic Components Datasheet Search
  English  ▼

X  

TUSB2036 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB2036
Description  TUSB2036 2- or 3-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2036 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB2036 Datasheet HTML 8Page - Texas Instruments TUSB2036 Datasheet HTML 9Page - Texas Instruments TUSB2036 Datasheet HTML 10Page - Texas Instruments TUSB2036 Datasheet HTML 11Page - Texas Instruments TUSB2036 Datasheet HTML 12Page - Texas Instruments TUSB2036 Datasheet HTML 13Page - Texas Instruments TUSB2036 Datasheet HTML 14Page - Texas Instruments TUSB2036 Datasheet HTML 15Page - Texas Instruments TUSB2036 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
1 kΩ
DP0
DM0
EEDATA
TUSB2036 USB Hub
(3-Port Configuration)
System
Power-On Reset
Regulator
Power
Switching
OVRCUR1 -
OVRCUR3
PWRON1 -
PWRON3
EECLK
RESET
XTAL1/CLK48
EXTMEM
VCC
GND
DP1 - DP3
DM1 - DM4
GND
Vbus
5 V GND
XTAL2
USB Data lines
and Power to
Downstream
Ports
Bus or Local Power
6-MHz Clock
Signal
4
4
4
4
30
29
4
1
2
6
5
3, 25
7, 28
12, 16, 20
10, 14, 18
11, 15, 19
9, 13, 17
5
8
6
2
4
3
ORG
VCC
VSS
D
Q
C
S
1
EEPROM
3.3 V
26
OCPROT/
PWRSW
21
NP3
24
22
23
NPINT1
NPINT0
MODE
Copyright © 2017, Texas Instruments Incorporated
12
TUSB2036
SLLS372I – MARCH 2000 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TUSB2036
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 2-3 Programmable Downstream Ports
The hub silicon can accurately reflect the system port configuration by the NP3 and NPINT1-0 pins. When NP3 is
low, the hub is configured as a 3-port hub; when it is high, the hub is configured as a 2-port hub. The NPINT1-0
pins tell the hub silicon how many ports have permanently attached devices, according to Table 1.
Table 1. System Port Configuration
NPINT1-0
PORT AVAILABILITY
HUB DESCRIPTOR
DEVICE REMOVABLE FIELD
(7
−0)
00
All ports are available through external USB connectors
00000000
01
Port 1 has a permanently attached device; ports 2 and 3 are externally available
00000010
10
Ports 1 and 2 have permanently attached devices; port 3 is externally available
00000110
11
All ports have permanently attached devices
NP3 high: 00000110
NP3 low: 00001110
NPINT1-0
COMPOUND DEVICE OR NOT
HUB DESCRIPTOR WITH HUB
CHARACTERISTICS FIELD BIT 2
00
Hub is not part of a compound device
0
01, 10, 11
Hub is part of a compound device
1
8.4.2 Vendor ID and Product ID With External Serial EEPROM
The EXTMEM (pin 26) enables or disables the optional EEPROM interface. When EXTMEM is high, the vendor
and product IDs (VID and PID) use defaults, such that the message displayed during enumeration is General
Purpose USB Hub. For this configuration, pin 6 functions as the GANGED input terminal and the EECLK (pin 5)
is unused. If custom VID and PID descriptors are desired, the EXTMEM must be tied low (EXTMEM = 0) and a
SGS Thompson M93C46 EEPROM, or equivalent, stores the programmable VID, PID, and GANGED values. For
this configuration, pins 5 and 6 function as the EEPROM interface signals with pin 5 as EECLK and pin 6 as
EEDATA, respectively. A block diagram example of how to connect the external EEPROM if a custom product ID
and vendor ID are desired is shown in Figure 6.
Figure 6. TUSB2036 USB Hub With External EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com