Electronic Components Datasheet Search
  English  ▼

X  

TUSB211RWBR Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB211RWBR
Description  TUSB211 USB 2.0 High Speed Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB211RWBR Datasheet(HTML) 3 Page - Texas Instruments

  TUSB211RWBR Datasheet HTML 1Page - Texas Instruments TUSB211RWBR Datasheet HTML 2Page - Texas Instruments TUSB211RWBR Datasheet HTML 3Page - Texas Instruments TUSB211RWBR Datasheet HTML 4Page - Texas Instruments TUSB211RWBR Datasheet HTML 5Page - Texas Instruments TUSB211RWBR Datasheet HTML 6Page - Texas Instruments TUSB211RWBR Datasheet HTML 7Page - Texas Instruments TUSB211RWBR Datasheet HTML 8Page - Texas Instruments TUSB211RWBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
4
TEST
3
5
6
9
10
11
12
1
8
7
CD
RSTN
EQ
D2P
D2M
ENA_HS
GND
VREG
VCC
D1M
D1P
2
3
TUSB211, TUSB211I
www.ti.com
SLLSEO0D – MAY 2015 – REVISED OCTOBER 2017
Product Folder Links: TUSB211
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RWB Package
12 Pin (X2QFN)
Top View
Pin Functions
PIN
I/O
INTERNAL
PULLUP/PULLDOWN
DESCRIPTION
NAME
NO.
VCC
12
P
N/A
3.3-V power
VREG
11
O
RSTN asserted: 30 k
Ω PD
1.8-V LDO output. Only enabled when operating in High Speed mode.
Requires 0.1-µF external capacitor to GND to stabilize the core.
FS, LS mode: 30 k
Ω PD
HS mode: N/A
GND
10
P
N/A
Ground
RSTN
5
I
500 k
Ω PU
Device disable/enable.
Recommend 0.1-µF external capacitor to GND to ensure clean power on
reset if not driven.
EQ
6
I
N/A
USB High Speed boost select via external pull down resistor.
Sampled upon power up.
Auto selects min EQ when left floating.
Does not recognize real time adjustments.
D1P
2
I/O
N/A
USB High Speed positive port.
Orientation independent – Can face either upstream or downstream.
D1M
1
I/O
N/A
USB High Speed negative port.
Orientation independent – Can face either upstream or downstream.
D2P
7
I/O
N/A
USB High Speed positive port.
Orientation independent – Can face either upstream or downstream.
D2M
8
I/O
N/A
USB High Speed negative port.
Orientation independent – Can face either upstream or downstream.
TEST
3
I
RSTN asserted: 500 k
Ω PD
No function. Leave floating.
ENA_HS
9
O
RSTN asserted: 500k
Ω PD
Flag indicating that channel is in High Speed mode. Asserted upon:
1.
Detection of USB-IF High Speed test fixture from an unconnected
state followed by transmission of USB TEST_PACKET pattern.
2.
Squelch detection following USB reset with a successful HS
handshake [HS handshake is declared to be successful after single
chirp J chirp K pair where each chirp is within 18 µs – 128 µs]
De-asserted upon detection of disconnect or suspend.
Can be left floating if not needed.
CD
4
O
RSTN asserted: 500 k
Ω PD
Flag indicating that a USB device is attached.
Asserted from an unconnected state upon detection of DP or DM pull-up
resistor.
De-asserted upon detection of disconnect.
Can be left floating if not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com