Electronic Components Datasheet Search
  English  ▼

X  

TUSB211RWBR Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB211RWBR
Description  TUSB211 USB 2.0 High Speed Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB211RWBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB211RWBR Datasheet HTML 2Page - Texas Instruments TUSB211RWBR Datasheet HTML 3Page - Texas Instruments TUSB211RWBR Datasheet HTML 4Page - Texas Instruments TUSB211RWBR Datasheet HTML 5Page - Texas Instruments TUSB211RWBR Datasheet HTML 6Page - Texas Instruments TUSB211RWBR Datasheet HTML 7Page - Texas Instruments TUSB211RWBR Datasheet HTML 8Page - Texas Instruments TUSB211RWBR Datasheet HTML 9Page - Texas Instruments TUSB211RWBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
TUSB211, TUSB211I
SLLSEO0D – MAY 2015 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TUSB211
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
(1) All typical values are at VCC = 3.3 V, and TA = 25°C.
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
DxP, DxM
F(BR_DXX)
Bit Rate
USB channel = HS mode. 480 Mbps
traffic. VCC supply stable
480
Mbps
t(R/F_DXX)
Rise/Fall time
100
ps
CD, ENA_HS
t(EN)
Enable time
20
µs
t(DIS)
Disable time
20
µs
VCC
t(STABLE)
VCC stable before RSTN de-assertion
100
µs
t(RAMP)
VCC ramp time
0.2
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com