Electronic Components Datasheet Search
  English  ▼

X  

EUA6205 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUA6205
Description  1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6205 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUA6205 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EUA6205
DS6205 Ver 1.0 Mar. 2007
2
Pin Configurations
Package Type
Pin Configurations
TDFN-8
MSOP-8 (FD)
Pin Description
PIN
PIN
DESCRIPTION
Shutdown
1
Shutdown terminal (active low logic)
Bypass
2
Mid-supply voltage. Adding a bypass capacitor improves PSRR
IN+
3
Positive differential input
IN-
4
Negative differential input
VO+
5
Positive BTL output
VDD
6
Supply voltage terminal
GND
7
High-current ground
VO-
8
Negative BTL output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com