Electronic Components Datasheet Search
  English  ▼

X  

EUA6205 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUA6205
Description  1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6205 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUA6205 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EUA6205
DS6205 Ver 1.0 Mar. 2007
4
Absolute Maximum Ratings
▓
Supply Voltage, VDD ---------------------------------------------------------------------------------------- -0.3 V to 6V
▓
Input Voltage, VI ----------------------------------------------------------------------------
-0.3 V to VDD + 0.3V
▓
Storage Temperature rang, Tstg ------------------------------------------------------------------- -65°C to 85°C
▓
ESD Susceptibility -------------------------------------------------------------------------------------------- 2kV
▓
Junction Temperature -------------------------------------------------------------------------------------- -40°C to 125°C
▓
Thermal Resistance
θJA (MSOP-FD) -------------------------------------------------------------------------------------------- 56°C/W
θJA (TDFN) ------------------------------------------------------------------------------------------------- 50°C/W
Recommended Operating Conditions
MIN NOM MAX UNIT
Supply Voltage, VDD
2.5
5.5
V
High-level input voltage, VIH
1.15
V
Low-level input voltage, VIL
0.5
V
Common-mode input voltage, VIC
0.5
VDD-0.8
V
Operating free-air temperature, TA
-40
85
°C
Electrical Characteristics, TA=25°C Gain=1V/V
EUA6205
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
|VOO|
Output offset voltage
(measured differentially)
VI = 0V, VDD = 2.5V to 5.5V
9
mV
PSRR Power supply rejection ratio
VDD = 2.5V to 5.5V
-84
-67
dB
VDD = 5.5V, VIC = 0.5V to VDD-0.8
-79
-57
VDD = 3.6V, VIC = 0.5V to VDD-0.8
-79
-60
CMRR
Common
mode
rejection
range
VDD = 2.5V, VIC = 0.5V to VDD-0.8
-66
dB
VDD=5.5V
0.29
0.46
VDD=3.6V
0.21
VOL
Low-level output voltage
RL = 8Ω,
VIN+ = VDD,
VIN- = 0V or VIN+ = 0V,
VIN- = VDD
VDD=2.5V
0.17
0.26
V
VDD=5.5V
4.8
5.1
VDD=3.6V
3.3
VOH
High-level output voltage
RL = 8Ω,
VIN+ = VDD,
VIN- = 0V or VIN+ = 0V,
VIN- = VDD
VDD=2.5V
2.1
2.25
V
|IIH|
High-level input current
VDD = 5.5V, VI = 5.8V
1.2
µA
|IIL|
Low-level input current
VDD = 5.5V, VI = -0.3V
1.2
µA
IDD
Supply current
VDD = 2.5V to 5.5V, no load,
Shutdown
=
VIH
3.4
mA
IDD (SD)
Supply current in shutdown
mode
Shutdown
=
VIL, VDD = 2.5V to 5.5V, No
load
0.02
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com