Electronic Components Datasheet Search
  English  ▼

X  

LCS701HG Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # LCS701HG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS701HG Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button LCS701HG Datasheet HTML 20Page - Power Integrations, Inc. LCS701HG Datasheet HTML 21Page - Power Integrations, Inc. LCS701HG Datasheet HTML 22Page - Power Integrations, Inc. LCS701HG Datasheet HTML 23Page - Power Integrations, Inc. LCS701HG Datasheet HTML 24Page - Power Integrations, Inc. LCS701HG Datasheet HTML 25Page - Power Integrations, Inc. LCS701HG Datasheet HTML 26Page - Power Integrations, Inc. LCS701HG Datasheet HTML 27Page - Power Integrations, Inc. LCS701HG Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Rev. G 05/17
24
LCS700-708
www.power.com
40
60
20
0
-20
-40
80
100
120
-2.00
-0.50
-1.00
1.50
2.00
Temperature (°C)
-1.50
-0.00
1.00
-0.50
40
60
20
0
-20
-40
80
100
120
2.00
3.50
3.00
5.50
6.00
Temperature (°C)
2.50
4.00
5.00
4.50
40
60
20
0
-20
-40
80
100
120
512
518
516
528
532
Temperature (°C)
514
520
522
524
526
530
40
60
20
0
-20
-40
80
100
120
-3.00
-1.00
-2.00
3.00
4.00
Temperature (°C)
0.00
2.00
1.00
Figure 33. Normalized BV
DSS vs. Temperature.
Figure 35. Typical F
MAX(ACC) vs. Temperature.
Figure 37. Typical VREF vs. Temperature.
Figure 34. Typical F
MIN(ACL) vs. Temperature.
Figure 36. Typical R
IN(OVUV) vs. Temperature.
Figure 38. Typical Duty Balance vs. Temperature.
Typical Performance Characteristics
40
60
20
0
-20
-40
80
100
120
3.35
3.38
3.37
3.43
3.45
Temperature (°C)
3.36
3.39
3.40
3.41
3.42
3.44
40
60
20
0
-20
-40
80
100
120
49.5
49.8
49.7
50.3
50.5
Temperature (°C)
49.6
49.9
50.0
50.1
50.2
50.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com