Electronic Components Datasheet Search
  English  ▼

X  

LCS701HG Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # LCS701HG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS701HG Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button LCS701HG Datasheet HTML 21Page - Power Integrations, Inc. LCS701HG Datasheet HTML 22Page - Power Integrations, Inc. LCS701HG Datasheet HTML 23Page - Power Integrations, Inc. LCS701HG Datasheet HTML 24Page - Power Integrations, Inc. LCS701HG Datasheet HTML 25Page - Power Integrations, Inc. LCS701HG Datasheet HTML 26Page - Power Integrations, Inc. LCS701HG Datasheet HTML 27Page - Power Integrations, Inc. LCS701HG Datasheet HTML 28Page - Power Integrations, Inc. LCS701HG Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Rev. G 05/15
25
LCS700-708
www.power.com
40
60
20
0
-20
-40
0.94
0.96
1.04
1.06
Temperature (
°C)
80
100
120
0.98
1
1.02
LCS700
LCS701
LCS702
LCS703
LCS705
LCS708
40
60
20
0
-20
-40
80
100
120
9.2
9.8
9.6
10.6
10.8
Temperature (°C)
9.4
10.0
10.4
10.2
VCC-UVLO(+)
VCC-UVLO(-)
40
60
20
0
-20
-40
80
100
120
425
440
435
465
475
Temperature (°C)
430
445
450
455
460
470
40
60
20
0
-20
-40
80
100
120
0.950
0.970
1.030
1.050
Temperature (°C)
0.990
1.010
Figure 39. Typical I
CC(INHIBIT) vs. Temperature.
Figure 41. Typical I
CCH(ON) vs. Temperature (Normalized to Room Temperature).
Figure 43. Typical VCCH UVLO vs. Temperature.
Figure 40. Normalized I
CC(ON) vs. Temperature.
Figure 42. Typical V
CC UVLO vs. Temperature.
Typical Performance Characteristics
40
60
20
0
-20
-40
80
100
120
7.2
7.8
7.6
8.6
8.8
Temperature (°C)
7.4
8.0
8.4
8.2
VCC-UVLO(+)
VCC-UVLO(-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com