Electronic Components Datasheet Search
  English  ▼

X  

0803980 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803980
Description  PKE 9X20 - Marker sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803980 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803980 Datasheet HTML 1Page - PHOENIX CONTACT 0803980 Datasheet HTML 2Page - PHOENIX CONTACT 0803980 Datasheet HTML 3Page - PHOENIX CONTACT 0803980 Datasheet HTML 4Page - PHOENIX CONTACT 0803980 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker sheet, Sheet, white, unmarked, can be labeled with: CMS-P1-PLOTTER, mounting type:
insert, cable diameter: > 10 mm, Number of individual labels: 20
Commercial data
Item number
0803980
Packing unit
12 pc
Minimum order quantity
12 pc
Sales key
BG20
Product key
BG2313
GTIN
4017918007874
Weight per piece (including packing)
22.517 g
Weight per piece (excluding packing)
22.517 g
Customs tariff number
39269097
Country of origin
IT
PKE 9X20 - Marker sheet
0803980
https://www.phoenixcontact.com/us/products/0803980
Aug 7, 2025, 1:31AM
Page 1 (5)


Similar Part No. - 0803980

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803983 PHOENIX-0803983 Datasheet
51Kb / 2P
Label - MM-TMT (EX9,5)R C1 WH/BK
0803988 PHOENIX-0803988 Datasheet
188Kb / 5P
LS-EMSP-AL (78X18) BK - Device marker
More results

Similar Description - 0803980

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800129 PHOENIX-0800129 Datasheet
46Kb / 2P
Marker sheet - SK U WH:UNGESTANZT
0800132 PHOENIX-0800132 Datasheet
46Kb / 2P
Marker sheet - SK U YE:UNGESTANZT
0800734 PHOENIX-0800734 Datasheet
46Kb / 2P
Flat zack marker sheet - ZBFM 8/WH:UNBEDRUCKT
0803579 PHOENIX-0803579 Datasheet
48Kb / 2P
Flat zack marker sheet - ZBFM 4/WH:UNBEDRUCKT
0803595 PHOENIX-0803595 Datasheet
48Kb / 2P
Flat zack marker sheet - ZBFM 5/WH:UNBEDRUCKT
0803618 PHOENIX-0803618 Datasheet
47Kb / 2P
Flat zack marker sheet - ZBFM 6/WH:UNBEDRUCKT
18.05.2012
0803647 PHOENIX-0803647 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 5:SO/CMS
0803650 PHOENIX-0803650 Datasheet
55Kb / 2P
Flat zack marker sheet - ZBFM 6:SO/CMS
0825051 PHOENIX-0825051 Datasheet
54Kb / 2P
Zack marker sheet - ZBM 5 CUS
0825056 PHOENIX-0825056 Datasheet
54Kb / 2P
Zack marker sheet - ZBM 6 CUS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com