Electronic Components Datasheet Search
  English  ▼

X  

0803980 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803980
Description  PKE 9X20 - Marker sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803980 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803980 Datasheet HTML 1Page - PHOENIX CONTACT 0803980 Datasheet HTML 2Page - PHOENIX CONTACT 0803980 Datasheet HTML 3Page - PHOENIX CONTACT 0803980 Datasheet HTML 4Page - PHOENIX CONTACT 0803980 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
General
Can be labeled with CMS
Product properties
Product type
Conductor marking
Marking
Number of individual labels
20
Number of individual labels per row
4
Dimensions
Width
20 mm
Depth
0.7 mm
Length
9 mm
Material specifications
Color
white (RAL 9010)
Material
ABS-PC
Flammability rating according to UL 94
V0
Components
halogen-free
Cable/line
External cable diameter
> 10.00 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2020-12 (following)
Result
Test passed
UV resistance
Specification
DIN EN ISO 4892-2:2021-11 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-01):2020-03
Specification
PKE 9X20 - Marker sheet
0803980
https://www.phoenixcontact.com/us/products/0803980
Aug 7, 2025, 1:31AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com