Electronic Components Datasheet Search
  English  ▼

X  

LTC1441 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1441
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1441 Datasheet(HTML) 3 Page - Linear Technology

  LTC1441 Datasheet HTML 1Page - Linear Technology LTC1441 Datasheet HTML 2Page - Linear Technology LTC1441 Datasheet HTML 3Page - Linear Technology LTC1441 Datasheet HTML 4Page - Linear Technology LTC1441 Datasheet HTML 5Page - Linear Technology LTC1441 Datasheet HTML 6Page - Linear Technology LTC1441 Datasheet HTML 7Page - Linear Technology LTC1441 Datasheet HTML 8Page - Linear Technology LTC1441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1440/LTC1441/LTC1442
144012fc
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V
+ = 5V and V– = GND = 0V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V +
Supply Voltage Range
●
2.0
11.0
V
ICC
Supply Current
IN + = IN – + 80mV
LTC1440 0
°C ≤ TA ≤ 70°C
●
2.1
4.0
µA
HYST = REF (LTC1440/LTC1442)
–40
°C ≤ TA ≤ 85°C ●
4.4
µA
LTC1441
●
3.5
5.7
µA
LTC1442
●
3.5
5.7
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 2.5V
●
±3
±10
mV
IIN
Input Leakage Current (IN +, IN –)VIN+ = VIN– = 2.5V
●
±0.01
±1.0
nA
Input Leakage Current (HYST)
●
±0.02
±1.0
nA
VCM
Comparator Input Common
●
V –
V + – 1.3V
V
Mode Range
CMRR
Common Mode Rejection Ratio
V – to V + – 1.3V
0.1
1
mV/V
PSRR
Power Supply Rejection Ratio
V + = 2V to 11V (LTC1441)
0.1
1
mV/V
V + = 2.5V to 11V (LTC1440/LTC1442)
0.1
1
mV/V
NOISE
Voltage Noise
100Hz to 100kHz
100
µVRMS
VHYST
Hysteresis Input Voltage Range
LTC1440/LTC1442
● REF – 50mV
REF
V
tPD
Propagation Delay
COUT = 100pF
Overdrive = 10mV
15
µs
Overdrive = 100mV
8
µs
VOH
Output High Voltage
IO = – 13mA
●
V + – 0.4V
V
VOL
Output Low Voltage
IO = 1.8mA
LTC1440
●
GND + 0.4V
V
LTC1441/LTC1442
●
V – + 0.4V
V
Reference
VREF
Reference Voltage
No Load
LTC1440/LTC1442
0
°C ≤ TA ≤ 70°C
●
1.170
1.194
V
–40
°C ≤ TA ≤ 85°C
●
1.164
1.200
V
LTC1440 (MSOP, DFN)
●
1.164
1.200
V
ISOURCE
Reference Output Source Current
∆VREF ≤ 1mV (LTC1442)
●
100
µA
ISINK
Reference Output Sink Current
∆VREF ≤ 2.5mV (LTC1442)
10
20
µA
∆VREF
Reference Source Current
0
≤ ISOURCE ≤ 2mA (LTC1440)
●
0.8
5
mV
Reference Sink Current
0
≤ ISINK ≤ 10µA (LTC1440)
0.5
1.5
mV
●
5mV
NOISE
Voltage Noise
100Hz to 100kHz
100
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com