Electronic Components Datasheet Search
  English  ▼

X  

LTC1441 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1441
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1441 Datasheet(HTML) 4 Page - Linear Technology

  LTC1441 Datasheet HTML 1Page - Linear Technology LTC1441 Datasheet HTML 2Page - Linear Technology LTC1441 Datasheet HTML 3Page - Linear Technology LTC1441 Datasheet HTML 4Page - Linear Technology LTC1441 Datasheet HTML 5Page - Linear Technology LTC1441 Datasheet HTML 6Page - Linear Technology LTC1441 Datasheet HTML 7Page - Linear Technology LTC1441 Datasheet HTML 8Page - Linear Technology LTC1441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1440/LTC1441/LTC1442
144012fc
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V
+ = 3V and V– = GND = 0V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V +
Supply Voltage Range
●
211
V
ICC
Supply Current
IN + = IN – + 80mV
LTC1440 0
°C ≤ TA ≤ 70°C
●
2
3.9
µA
HYST = REF (LTC1440/LTC1442)
–40
°C ≤ TA ≤ 85°C ●
4.3
µA
LTC1441
●
3.5
5.7
µA
LTC1442
●
3.5
5.7
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 1.5V
●
±3
±10
mV
IIN
Input Leakage Current (IN +, IN –)VIN+ = VIN– = 1.5V
●
±0.01
±1nA
Input Leakage Current (HYST)
●
±0.02
±1nA
VCM
Comparator Input Common
●
V –
V + – 1.3V
V
Mode Range
CMRR
Common Mode Rejection Ratio
V – to V + – 1.3V
0.1
1
mV/V
PSRR
Power Supply Rejection Ratio
V + = 2V to 11V (LTC1441)
0.1
1
mV/V
V + = 2.5V to 11V (LTC1440/LTC1442)
0.1
1
mV/V
NOISE
Voltage Noise
100Hz to 100kHz
100
µVRMS
VHYST
Hysteresis Input Voltage Range
LTC1440/LTC1442
● REF – 50mV
REF
V
tPD
Propagation Delay
COUT = 100pF
Overdrive = 10mV
14
µs
Overdrive = 100mV
5
µs
VOH
Output High Voltage
IO = – 8mA
●
V + – 0.4V
V
Comparator
VOL
Output Low Voltage
IO = 0.8mA
LTC1440
●
GND + 0.4V
V
LTC1441/LTC1442
●
V – + 0.4V
V
Reference
VREF
Reference Voltage
No Load
LTC1440/LTC1442
0
°C ≤ TA ≤ 70°C
●
1.170
1.182
1.194
V
–40
°C ≤ TA ≤ 85°C
●
1.164
1.200
V
LTC1440 (MSOP, DFN)
●
1.164
1.200
V
ISOURCE
Reference Output Source Current
∆VREF ≤ 1mV (LTC1442)
●
60
120
µA
ISINK
Reference Output Sink Current
∆VREF ≤ 2.5mV (LTC1442)
10
20
µA
∆VREF
Reference Source Current
0
≤ ISOURCE ≤ 1mA (LTC1440)
●
0.8
5.5
mV
Reference Sink Current
0
≤ ISINK ≤ 10µA (LTC1440)
0.5
1.5
mV
●
5mV
NOISE
Voltage Noise
100Hz to 100kHz
100
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com