Electronic Components Datasheet Search
  English  ▼

X  

TS5USBC41 Datasheet(PDF) 7 Page - Texas Instruments

Part # TS5USBC41
Description  TS5USBC41 Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V/24-V Overvoltage Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5USBC41 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5USBC41 Datasheet HTML 3Page - Texas Instruments TS5USBC41 Datasheet HTML 4Page - Texas Instruments TS5USBC41 Datasheet HTML 5Page - Texas Instruments TS5USBC41 Datasheet HTML 6Page - Texas Instruments TS5USBC41 Datasheet HTML 7Page - Texas Instruments TS5USBC41 Datasheet HTML 8Page - Texas Instruments TS5USBC41 Datasheet HTML 9Page - Texas Instruments TS5USBC41 Datasheet HTML 10Page - Texas Instruments TS5USBC41 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
TS5USBC41
www.ti.com
SCDS377B – MARCH 2018 – REVISED JUNE 2018
Product Folder Links: TS5USBC41
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = –40°C to +85°C (Industrial), TA = 0℃ to 70℃ (Standard),VCC = 2.3 V to 5.5 V, GND = 0 V, Typical values are at VCC =
3.3 V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCLAMP_T
Maximum OVP transient duration above
5 V (TS5USBC412, TS5USBC412I).
VD± = 0 to 24 V
tRISE and tFALL(10% to 90 %) =
100 ns
RL = Open CL = 10pF
Switch on or off
OE = 0 V
75
100
ns
VCLAMP_T
Maximum OVP transient duration above
5 V
(TS5USBC412, TS5USBC412I)
VD± = 0 to 24 V
tRISE and tFALL(10% to 90 %) =
100 ns
RL = 50Ω CL = 10pF
Switch on or off
OE = 0 V
68
95
ns
VCLAMP_T
Maximum OVP transient duration above
5 V
(TS5USBC410, TS5USBC410I)
VD± = 0 to 20 V
tRISE and tFALL(10% to 90 %) =
100 ns
RL = Open CL = 10pF
Switch on or off
OE = 0 V
64
100
ns
VCLAMP_T
Maximum OVP transient duration above
5 V
(TS5USBC410, TS5USBC410I)
VD± = 0 to 20 V
tRISE and tFALL(10% to 90 %) =
100 ns
RL = 50Ω CL = 10pF
Switch on or off
OE = 0 V
55
95
ns
tEN_OVP
OVP enable time
RPU = 10 kΩ to VCC (FLT)
CL = 35 pF
Refer to OVP Timing Diagram
Figure
3
μs
tREC_OVP
OVP recovery time
RPU = 10 kΩ to VCC (FLT)
CL = 35 pF
Refer to OVP Timing Diagram
Figure
5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com