Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments TUSB322I Datasheet HTML 11Page - Texas Instruments TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments TUSB322I Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
TUSB322I
SLLSEO5C – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB322I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7.3.4.1 Audio Accessory
Audio accessory mode is supported through two types of adapters. First, the passive audio adapter can be used
to convert the Type-C connector into an audio port. To effectively detect the passive audio adapter, the
TUSB322I device must detect a resistance that is less than Ra on both of the CC pins.
Secondly, a charge through audio adapter can be used. The primary difference between a passive and charge
through adapter is that the charge through adapter supplies 500 mA of current over VBUS. The charge through
adapter contains a receptacle and a plug. The plug acts as a DFP and supplies VBUS when the plug detects a
connection.
When the TUSB322I device is configured in GPIO mode, OUT3 pin determines if an audio accessory is
connected. When an audio accessory is detected, the OUT3 pin is pulled low.
7.3.4.2 Debug Accessory
Debug is an additional state supported by USB Type-C. The specification does not define a specific user
scenario for this state, but the end user could use debug accessory mode to enter a test state for production
specific to the application. Charge through debug accessory is not supported by TUSB322I when in DRP or UFP
mode. The TUSB322I when configured as a DFP-only or as a DRP acting as a DFP will detect a debug
accessory which presents Rd on both CC1 and CC2 pins. The TUSB322I will set ACCESSORY_CONNECTED
register to 3'b110 to indicate a UFP debug accessory. The TUSB322I when configured as a UFP-only or as a
DRP acting as a UFP will detect a debug accessory which presents Rp on both CC1 and CC2 pins. The
TUSB322I will set ACCESSORY_CONNECTED register to 3b'111 to indicate a DFP debug accessory.
7.3.5 I2C and GPIO Control
The TUSB322I device can be configured for I2C communication or GPIO outputs using the ADDR pin. The
ADDR pin is a tri-level control pin. When the ADDR pin is left floating (NC), the TUSB322I device is in GPIO
output mode. When the ADDR pin is pulled high or pulled low, the TUSB322I device is in I2C mode.
All outputs for the TUSB322I device are open drain configuration.
The OUT1 and OUT2 pins are used to output the Type-C current mode when in GPIO mode. Additionally, the
OUT3 pin is used to communicate the audio accessory mode in GPIO mode. Table 3 lists the output pin settings.
See for more information on the pins and their uses.
Table 3. Simplified Operation for OUT1 and OUT2
OUT1
OUT2
DESCRIPTION
H
H
Default current in unattached state
H
L
Default current in attached state
L
H
Medium current (1.5 A) in attached state
L
L
High current (3.0 A) in attached state
When operating in I2C mode, the TUSB322I device uses the SCL and SDA lines for clock and data and the
INT_N pin to communicate a change in I2C registers, or an interrupt, to the system. The INT_N pin is pulled low
when the TUSB322I device updates the registers with new information. The INT_N pin is open drain. The
INTERRUPT_STATUS register will be set when the INT_N pin is pulled low. To clear the INTERRUPT_STATUS
register, the end user writes to I2C.
When operating in GPIO mode, the OUT3 pin is used in place of the INT_N pin to determine if an audio
accessory is detected and attached. The OUT3 pin is pulled low when an audio accessory is detected.
NOTE
When using the 3.3-V supply for I2C, the end user must ensure that the VDD is 3 V and
above. Otherwise the I2C can back power the device.
7.3.6 VBUS Detection
The TUSB322I device supports VBUS detection according to the Type-C Specification. VBUS detection is used to
determine the attachment and detachment of a UFP and to determine the entering and exiting of accessary
modes. VBUS detection is also used to successfully resolve the role in DRP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com