Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 10Page - Texas Instruments TUSB322I Datasheet HTML 11Page - Texas Instruments TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments TUSB322I Datasheet HTML 16Page - Texas Instruments TUSB322I Datasheet HTML 17Page - Texas Instruments TUSB322I Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
TUSB322I
SLLSEO5C – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB322I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7.4.2 Active Mode
Active mode is defined as the port being attached. In active mode, all GPIOs are operational, and I2C is read /
write (R/W). When in active mode, the TUSB322I device communicates to the AP that the USB port is attached.
This communication happens through the ID pin if TUSB322I is configured as a DFP or DRP connect as source.
If TUSB322I is configured as a UFP or a DRP connected as a sink, the OUT1/OUT2 and INT_N/OUT3 pins are
used. The TUSB322I device exits active mode under the following conditions:
•
Cable unplug
•
VBUS removal if attached as a UFP
•
Dead battery; system battery or supply is removed
•
EN_N is floated or pulled high.
7.4.3 Shutdown Mode
Shutdown mode for TUSB322I is defined as follows:
•
Supply voltage available and EN_N pin is high or floating.
•
EN_N pin has internal pullup resistor
•
The TUSB322I device is off, but still maintains the Rd on the CC pins.
7.4.4 Dead Battery Mode
During dead battery mode, VDD is not available. CC pins always default to pulldown resistors in dead battery
mode. Dead battery mode means:
•
TUSB322I in UFP with 5.1 kΩ ± 20% Rd; cable connected and providing charge
•
TUSB322I in UFP with 5.1 kΩ ± 20% Rd; nothing connected (application could be off or have a discharged
battery)
NOTE
When VDD is off, the TUSB322I non-failsafe pins (DIR, VBUS_DET, ADDR, OUT[3:1] pins)
could back-drive the TUSB322I device if not handled properly. When necessary to pull
these pins up, TI recommends pulling up DIR, ADDR, and INT_N/OUT3 to the device’s
VDD supply. The VBUS_DET must be pulled up to VBUS through a 900-kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com