Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 28 Page - Texas Instruments

Part # UCC24612-2DBVT
Description  UCC24612 High Frequency Synchronous Rectifier Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 28 Page - Texas Instruments

Back Button UCC24612-2DBVT Datasheet HTML 24Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 25Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 26Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 27Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 28Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 29Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 30Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 31Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
UCC24612
SLUSCM5A – AUGUST 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8.2.3.2 Steady State Testing High-Side Configuration
•
Snubber Components, R2 = 1.02 kΩ, R3 = 51.1 Ω , C3 = 470 pF
•
CH1 = VG, CH2 = Q1 drain (TP2), CH3 = VOUT Voltage Ripple (TP3)
Figure 28. 85-VAC, 0-A Load
Figure 29. 85-VAC, 3-A Load
Figure 30. 265-VAC. 0-A Load
Figure 31. 265-VAC, 3-A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com