Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT Datasheet(PDF) 29 Page - Texas Instruments

Part # UCC24612-2DBVT
Description  UCC24612 High Frequency Synchronous Rectifier Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC24612-2DBVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCC24612-2DBVT Datasheet HTML 25Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 26Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 27Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 28Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 29Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 30Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 31Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 32Page - Texas Instruments UCC24612-2DBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
VDD
VG
VS
VD
REG
Vout
29
UCC24612
www.ti.com
SLUSCM5A – AUGUST 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
UCC24612 internal circuits are powered from the REG pin only. There is an internal LDO between VDD pin and
REG pin to provide a well-regulated REG pin voltage when VDD voltage is above 9.5 V. This allows the device
to have better bypassing and better gate driver performance.
It is important to have sufficient bypass cap on REG pin. A minimum of 1.5-µF bypass capacitor is required.
When the average gate charge current is higher than 5mA, it is required to have at least 2.2-µF bypass capacitor
on REG pin.
VDD pin is the main power source of the device. The voltage on VDD pin should be kept between 4.5 V and 28
V for normal operation. Refer to the electrical characteristics table for the tolerances on the REG pin UVLO ON
and OFF levels.
When UCC24612 is used in low-side SR configuration, VDD can be directly tied to the output voltage if the
output voltage is between 4.5 V to 28 V.
When the UCC24612 is used in high-side SR configuration, VDD can be powered through three different ways,
with a trade off between cost and performance.
a. Power the device through secondary-side auxiliary winding
b. Power the device through simple R-C filter
c. Power the device through depletion mode FET
By using the secondary-side auxiliary winding, as shown in Figure 32, UCC24612 is equivalently powered by the
output voltage because of the transformer coupling effect. This provides the best efficiency solution. However,
this solution is often limited by the transformer construction and cost constraints.
The UCC24612 can be powered by using a diode and RC filter on VDD pin, as shown in Figure 33. This allows
the device to get power from the SR drain voltage. Due to the wide range of VD voltage variation (for example,
VD voltage is the sum of reflected input voltage and output voltage in Flyback converter), this may not be
acceptable for some applications due to the limit of absolute maximum VDD voltage rating. However, this
provides a simple and low cost solution.
A more universal solution without changing the transformer is to provide the VDD through SR drain using a diode
and depletion mode MOSFET, as shown in Figure 34. This allows a well regulated VDD voltage throughout the
entire operation range of the converter. Even though it still reducess the efficiency because the device is
powered up from a high voltage source, this provides a simple solution without changing the transformer design.
The three different configurations are summarized in Figure 32, Figure 33 and Figure 34.
Figure 32. Power UCC24612 Using Auxiliary Winding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com