Electronic Components Datasheet Search
  English  ▼

X  

AM1517-025 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM1517-025
Description  RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1517-025 Datasheet(HTML) 1 Page - STMicroelectronics

  AM1517-025 Datasheet HTML 1Page - STMicroelectronics AM1517-025 Datasheet HTML 2Page - STMicroelectronics AM1517-025 Datasheet HTML 3Page - STMicroelectronics AM1517-025 Datasheet HTML 4Page - STMicroelectronics AM1517-025 Datasheet HTML 5Page - STMicroelectronics AM1517-025 Datasheet HTML 6Page - STMicroelectronics AM1517-025 Datasheet HTML 7Page - STMicroelectronics AM1517-025 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
May 2000
AM1517-025
RF & MICROWAVE TRANSISTORS
SATELLITE COMMUNICATIONS APPLICATIONS
SO42
hermetically sealed
ORDER CODE
AM1517-025
BRANDING
1517-25
• REFRACTORY/GOLD METALLIZATION
• EMITTER SITE BALLASTED
•
∞:1 VSWR CAPABILITY
• LOW THERMAL RESISTANCE
• INPUT/OUTPUT MATCHING
• OVERLAY GEOMETRY
• METALLIC/CERAMIC HERMETIC PACKAGE
• POUT = 25 W MIN. WITH 8.5 dB GAIN
DESCRIPTION
The AM1517-025 power transistor is designed
specifically for Satellite communications applica-
tions in the 1.5 - 1.7 frequency range.
The device is capable of withstanding any mis-
match load condition at any phase angle (VSWR
∞:1) under full rated conditions. The unit is an
overlay, emitter site ballasted, geometry utilizing a
refractory/Gold metallization system.
The AM1517-025 is supplied in the AMPAC
TM
Hermetic/Ceramic package with internal Input/
Output matching structures.
PIN CONNECTION
1
4
3
2
1. Collector
2. Base
3. Emitter
4. Base
ABSOLUTE MAXIMUM RATINGS(TCASE =25 0C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation* ( Tc
≤ 50 0C)
45
W
IC
Device Current*
2.5
A
VCC
Collector-Supply Voltage*
30
V
Tj
Junction Temperature
200
0C
TSTG
Storage Temperature
-65 to +200
0C
THERMAL DATA
Rth(j-c)
Junction-Case Thermal Resistance*
3.3
0C/W
* Applies only to rated RF amplifier operation


Similar Part No. - AM1517-025

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM1517-025M ASI-AM1517-025M Datasheet
72Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - AM1517-025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1517-012 STMICROELECTRONICS-AM1517-012 Datasheet
87Kb / 6P
SATELLITE COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
AM81720-012 STMICROELECTRONICS-AM81720-012 Datasheet
85Kb / 4P
COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
04-Feb-1997
SD1899 STMICROELECTRONICS-SD1899 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
06-Jan-1997
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
STM1645-10 STMICROELECTRONICS-STM1645-10 Datasheet
51Kb / 5P
RF POWER MODULES SATELLITE COMMUNICATIONS APPLICATIONS
logo
Advanced Power Technolo...
MS1511 ADPOW-MS1511 Datasheet
99Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
MS1527 ADPOW-MS1527 Datasheet
121Kb / 4P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com