Electronic Components Datasheet Search
  English  ▼

X  

AM1517-025 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM1517-025
Description  RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1517-025 Datasheet(HTML) 2 Page - STMicroelectronics

  AM1517-025 Datasheet HTML 1Page - STMicroelectronics AM1517-025 Datasheet HTML 2Page - STMicroelectronics AM1517-025 Datasheet HTML 3Page - STMicroelectronics AM1517-025 Datasheet HTML 4Page - STMicroelectronics AM1517-025 Datasheet HTML 5Page - STMicroelectronics AM1517-025 Datasheet HTML 6Page - STMicroelectronics AM1517-025 Datasheet HTML 7Page - STMicroelectronics AM1517-025 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AM1517-025
2/8
ELECTRICAL SPECIFICATION(TCASE =25 0C)
STATIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
BVCBO
IC = 8 mA
IE =0 mA
45
---
---
V
BVEBO
IE = 8 mA
IC =0 mA
3.0
---
---
V
ICBO
VCB =28 V
---
---
2
mA
hFE
VCE =5 V
IC = 1.6 A
15
---
150
---
DYNAMIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT
f = 1.5 - 1.7 GHz
PIN =3.5 W
VCC =28 V
25
---
---
W
η
D
f = 1.5 - 1.7 GHz
PIN =3.5 W
VCC =28 V
50
--
---
%
GP
f = 1.5 - 1.7 GHz
PIN =3.5 W
VCC = 28 V
8.5
---
---
dB
Note: AM1517 series vary PIN to achieve POUT; performance guaranteed in 50 MHz increments.
Alpha-Suffix added to AM1517 P/N desigates band segment.
M - 1620 - 1660 MHz
S - 1625 - 1675 MHz
REF. 1015989D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com