Electronic Components Datasheet Search
  English  ▼

X  

27401 Datasheet(PDF) 1 Page - Presto International UK Limited

Part # 27401
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

27401 Datasheet(HTML) 1 Page - Presto International UK Limited

  27401 Datasheet HTML 1Page - Presto International UK Limited 27401 Datasheet HTML 2Page - Presto International UK Limited 27401 Datasheet HTML 3Page - Presto International UK Limited 27401 Datasheet HTML 4Page - Presto International UK Limited 27401 Datasheet HTML 5Page - Presto International UK Limited 27401 Datasheet HTML 6Page - Presto International UK Limited 27401 Datasheet HTML 7Page - Presto International UK Limited 27401 Datasheet HTML 8Page - Presto International UK Limited 27401 Datasheet HTML 9Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PRODUCT
GUIDE


Similar Part No. - 27401

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2740106 PHOENIX-2740106 Datasheet
194Kb / 6P
Inline digital output terminal block, without accessories, 2 outputs, 24 V DC, 500 mA, 4-wire connection method
2740112 PHOENIX-2740112 Datasheet
180Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs with negative logic, 24 V DC, 2, 3, and 4-wire connection method
2740148 PHOENIX-2740148 Datasheet
187Kb / 5P
IBS RBC-T/ - Remote bus cable
2740180 PHOENIX-2740180 Datasheet
57Kb / 3P
Connector set, for Inline input terminal blocks with AC voltage
More results

Similar Description - 27401

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
02W004-000 ROSENBERGER-02W004-000 Datasheet
35Kb / 1P
CUTTING BIT
logo
PHOENIX CONTACT
CUTFOX-16-VDE PHOENIX-CUTFOX-16-VDE Datasheet
53Kb / 2P
VDE-tested cutting tools made from special high-grade tool steel
CUTFOX-25-VDE PHOENIX-CUTFOX-25-VDE Datasheet
50Kb / 2P
VDE-tested cutting tools made from special high-grade tool steel
CUTFOX-SP-VDE PHOENIX-CUTFOX-SP-VDE Datasheet
53Kb / 2P
VDE-tested cutting tools made from special high-grade tool steel
CUTFOX-16-VDE-DB PHOENIX-CUTFOX-16-VDE-DB Datasheet
46Kb / 3P
VDE-tested cutting tools made from special high-grade tool steel
CUTFOX-25-VDE-DB PHOENIX-CUTFOX-25-VDE-DB Datasheet
46Kb / 3P
VDE-tested cutting tools made from special high-grade tool steel
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
Higher cutting ability, better cutting quality
logo
List of Unclassifed Man...
BH10 ETC2-BH10 Datasheet
125Kb / 3P
Carbide for cutting tools :BH10 steel chemical information,mechanical properties
logo
Weidmuller
9005000000 WEIDMULLER-9005000000 Datasheet
274Kb / 4P
Tools, Stripping and cutting tool
November 9, 2021
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com