Electronic Components Datasheet Search
  English  ▼

X  

27401 Datasheet(PDF) 10 Page - Presto International UK Limited

Part # 27401
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

27401 Datasheet(HTML) 10 Page - Presto International UK Limited

Back Button 27401 Datasheet HTML 6Page - Presto International UK Limited 27401 Datasheet HTML 7Page - Presto International UK Limited 27401 Datasheet HTML 8Page - Presto International UK Limited 27401 Datasheet HTML 9Page - Presto International UK Limited 27401 Datasheet HTML 10Page - Presto International UK Limited 27401 Datasheet HTML 11Page - Presto International UK Limited 27401 Datasheet HTML 12Page - Presto International UK Limited 27401 Datasheet HTML 13Page - Presto International UK Limited 27401 Datasheet HTML 14Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
PRODUCT GUIDE
ISO Metric Coarse Taps
Series #
Standard
Material
Type
Size Range
Surface
60000
ISO 529
HSS
Straight
M1.6 - M60
P0 Bright
60005
Straight
M3 - M16
P5 TiN
60010
Spiral Point
M1 - M30
P1 Steam
60015
Spiral Point
M3 - M16
P5 TiN
60020
Spiral Flute
M2 - M30
P0 Bright
60025
Spiral Flute
M3 - M16
P5 TiN
60027
Spiral Flute
M2 - M30
P1 Steam
61117
HSCo
Spiral Point
M3 - M20
P6 TiCN
61127
Spiral Flute
M3 - M20
P6 TiCN
61000
ISO 2283
HSS
Straight
M3 - M24
P0 Bright
ISO Metric Fine Taps
Series #
Standard
Material
Type
Size Range
Surface
60080
ISO 529
HSS
Straight
M3 - M40
P0 Bright
60085
Straight
M3 - M16
P5 TiN
62810
Spiral Point
M4 - M22
P1 Steam
62820
Spiral Flute
M4 - M22
P0 Bright
ISO UNC Taps
Series #
Standard
Material
Type
Size Range
Surface
60100
ISO 529
HSS
Straight
No.1 - 2"
P0 Bright
60110
Spiral Point
No.1 - 1"
P1 Steam
60120
Spiral Flute
No.4 - 1"
P0 Bright
ISO UNF Taps
Series #
Standard
Material
Type
Size Range
Surface
60200
ISO 529
HSS
Straight
No.0 - 1.1/2"
P0 Bright
60210
Spiral Point
No.4 - 1"
P1 Steam
60220
Spiral Flute
No.10 - 1"
P0 Bright
ISO BSW Taps
Series #
Standard
Material
Type
Size Range
Surface
60300
ISO 529
HSS
Straight
1/16" - 2.1/2"
P0 Bright
60310
Spiral Point
1/8" - 1"
P1 Steam
60320
Spiral Flute
1/8" - 1"
P0 Bright



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com