Electronic Components Datasheet Search
  English  ▼

X  

0803977 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803977
Description  PKT 9X20 - Marker carrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803977 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803977 Datasheet HTML 1Page - PHOENIX CONTACT 0803977 Datasheet HTML 2Page - PHOENIX CONTACT 0803977 Datasheet HTML 3Page - PHOENIX CONTACT 0803977 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker carrier, transparent, unmarked, mounting type: Assembly with cable ties, cable diameter:
> 10 mm, text field height: 9 mm, text field width: 20 mm
Commercial data
Item number
0803977
Packing unit
240 pc
Minimum order quantity
240 pc
Sales key
BG12
Product key
BG231A
GTIN
4017918007867
Weight per piece (including packing)
1.036 g
Weight per piece (excluding packing)
0.857 g
Customs tariff number
39269097
Country of origin
SE
PKT 9X20 - Marker carrier
0803977
https://www.phoenixcontact.com/us/products/0803977
Aug 7, 2025, 5:22AM
Page 1 (4)


Similar Part No. - 0803977

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803970 PHOENIX-0803970 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
0803971 PHOENIX-0803971 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 WH/BK
0803971 PHOENIX-0803971 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
0803972 PHOENIX-0803972 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
0803973 PHOENIX-0803973 Datasheet
52Kb / 2P
Label - MM-EML (EX24)R C1 WH/BK
More results

Similar Description - 0803977

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0811970 PHOENIX-0811970 Datasheet
44Kb / 2P
Terminal strip marker carrier - KLM 4
0828693 PHOENIX-0828693 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMD 300
0830670 PHOENIX-0830670 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMH 300
0822495 PHOENIX-0822495 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 1/30
09/11/2020
0823753 PHOENIX-0823753 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 2/18
09/11/2020
1013106 PHOENIX-1013106 Datasheet
53Kb / 3P
Conductor marker carrier - PATG 9/15
09/11/2020
1013889 PHOENIX-1013889 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 2/10
09/11/2020
1014107 PHOENIX-1014107 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (29X8)
09/11/2020
1014109 PHOENIX-1014109 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (40X17)
09/11/2020
0830425 PHOENIX-0830425 Datasheet
57Kb / 3P
Cable marker carrier - WM-CARRIER/B (85X15)LPR
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com