Electronic Components Datasheet Search
  English  ▼

X  

0803977 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803977
Description  PKT 9X20 - Marker carrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803977 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803977 Datasheet HTML 1Page - PHOENIX CONTACT 0803977 Datasheet HTML 2Page - PHOENIX CONTACT 0803977 Datasheet HTML 3Page - PHOENIX CONTACT 0803977 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Marker carrier cable
Dimensions
Width
20.3 mm
Height
25.5 mm
Depth
3.3 mm
External dimensions
Outside diameter
15 mm ... 136 mm
Text field
Text field width
20 mm
Text field height
9 mm
Material specifications
Color
transparent
Material
PVC
Base element material
PVC
Components
Silicone-free
Cable/line
External cable diameter
> 10.00 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Specification
IEC 60068-2-2:2007-07
Result
Test passed
Procedure
Test Bb
Duration
96 h
Temperature for testing
80 °C
Ambient conditions
Ambient temperature (operation)
-50 °C ... 80 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 % (Storage in a dry and dark place in the original packaging is
recommended)
Shelf life
2 years
Mounting
Mounting type
Assembly with cable ties
PKT 9X20 - Marker carrier
0803977
https://www.phoenixcontact.com/us/products/0803977
Aug 7, 2025, 5:22AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com