Electronic Components Datasheet Search
  English  ▼

X  

MSP430F155IPM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F155IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F155IPM Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F155IPM Datasheet HTML 9Page - Texas Instruments MSP430F155IPM Datasheet HTML 10Page - Texas Instruments MSP430F155IPM Datasheet HTML 11Page - Texas Instruments MSP430F155IPM Datasheet HTML 12Page - Texas Instruments MSP430F155IPM Datasheet HTML 13Page - Texas Instruments MSP430F155IPM Datasheet HTML 14Page - Texas Instruments MSP430F155IPM Datasheet HTML 15Page - Texas Instruments MSP430F155IPM Datasheet HTML 16Page - Texas Instruments MSP430F155IPM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
MSP430x15x, MSP430x16x, MSP430x161x
MIXED SIGNAL MICROCONTROLLER
SLAS368E − OCTOBER 2002 − REVISED AUGUST 2006
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
module enable registers 1 and 2
76
5
4
0
UTXE0
32
1
rw-0
rw-0
Address
04h
URXE0
USPIE0
URXE0:
USART0: UART mode receive enable
UTXE0:
USART0: UART mode transmit enable
USPIE0:
USART0: SPI mode transmit and receive enable
76
5
4
0
UTXE1
32
1
rw-0
rw-0
Address
05h
URXE1
USPIE1
URXE1†:
USART1: UART mode receive enable
UTXE1†:
USART1: UART mode transmit enable
USPIE1†:
USART1: SPI mode transmit and receive enable
† URXE1, UTXE1, and USPIE1 are not present in MSP430x15x devices.
rw-0:
Legend: rw:
Bit Can Be Read and Written
Bit Can Be Read and Written. It Is Reset by PUC.
SFR Bit Not Present in Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com