Electronic Components Datasheet Search
  English  ▼

X  

MSP430F155IPM Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F155IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F155IPM Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F155IPM Datasheet HTML 18Page - Texas Instruments MSP430F155IPM Datasheet HTML 19Page - Texas Instruments MSP430F155IPM Datasheet HTML 20Page - Texas Instruments MSP430F155IPM Datasheet HTML 21Page - Texas Instruments MSP430F155IPM Datasheet HTML 22Page - Texas Instruments MSP430F155IPM Datasheet HTML 23Page - Texas Instruments MSP430F155IPM Datasheet HTML 24Page - Texas Instruments MSP430F155IPM Datasheet HTML 25Page - Texas Instruments MSP430F155IPM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
MSP430x15x, MSP430x16x, MSP430x161x
MIXED SIGNAL MICROCONTROLLER
SLAS368E − OCTOBER 2002 − REVISED AUGUST 2006
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map (continued)
PERIPHERAL FILE MAP (CONTINUED)
Timer_A3
Capture/compare control 2
TACCTL2
0166h
_
(continued)
Capture/compare control 1
TACCTL1
0164h
Capture/compare control 0
TACCTL0
0162h
Timer_A control
TACTL
0160h
Timer_A interrupt vector
TAIV
012Eh
Hardware
Sum extend
SUMEXT
013Eh
Multiplier
(MSP430x16x and
Result high word
RESHI
013Ch
(MSP430x16x and
MSP430x161x
Result low word
RESLO
013Ah
MSP430x161x
only)
Second operand
OP2
0138h
only)
Multiply signed +accumulate/operand1
MACS
0136h
Multiply+accumulate/operand1
MAC
0134h
Multiply signed/operand1
MPYS
0132h
Multiply unsigned/operand1
MPY
0130h
Flash
Flash control 3
FCTL3
012Ch
Flash control 2
FCTL2
012Ah
Flash control 1
FCTL1
0128h
Watchdog
Watchdog Timer control
WDTCTL
0120h
USART1
Transmit buffer
U1TXBUF
07Fh
(MSP430x16x and
MSP430x161x
Receive buffer
U1RXBUF
07Eh
MSP430x161x
only)
Baud rate
U1BR1
07Dh
only)
Baud rate
U1BR0
07Ch
Modulation control
U1MCTL
07Bh
Receive control
U1RCTL
07Ah
Transmit control
U1TCTL
079h
USART control
U1CTL
078h
USART0
Transmit buffer
U0TXBUF
077h
(UART or
SPI mode)
Receive buffer
U0RXBUF
076h
SPI mode)
Baud rate
U0BR1
075h
Baud rate
U0BR0
074h
Modulation control
U0MCTL
073h
Receive control
U0RCTL
072h
Transmit control
U0TCTL
071h
USART control
U0CTL
070h
USART0
2
I2C interrupt vector
I2CIV
011Ch
(I2C mode)
I2C slave address
I2CSA
011Ah
I2C own address
I2COA
0118h
I2C data
I2CDR
076h
I2C SCLL
I2CSCLL
075h
I2C SCLH
I2CSCLH
074h
I2C PSC
I2CPSC
073h
I2C data control
I2CDCTL
072h
I2C transfer control
I2CTCTL
071h
USART control
U0CTL
070h
I2C data count
I2CNDAT
052h
I2C interrupt flag
I2CIFG
051h
I2C interrupt enable
I2CIE
050h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com