Electronic Components Datasheet Search
  English  ▼

X  

CD74HC166 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC166
Description  CDx4HC(T)166 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC166 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC166 Datasheet HTML 2Page - Texas Instruments CD74HC166 Datasheet HTML 3Page - Texas Instruments CD74HC166 Datasheet HTML 4Page - Texas Instruments CD74HC166 Datasheet HTML 5Page - Texas Instruments CD74HC166 Datasheet HTML 6Page - Texas Instruments CD74HC166 Datasheet HTML 7Page - Texas Instruments CD74HC166 Datasheet HTML 8Page - Texas Instruments CD74HC166 Datasheet HTML 9Page - Texas Instruments CD74HC166 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
(2)
VI = VIH or VIL, unless otherwise noted.
5.5 Prerequisite for Switching Characteristics
See (Parameter Measurement Information)
PARAMETER
VCC (V)
25
℃
-40
℃ to 85℃
-55
℃ to 125℃
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
fMAX
Clock frequency
2
6
5
4
MHz
4.5
30
25
20
MHz
6
35
29
23
MHz
tw
MR pulse width
2
100
125
150
ns
4.5
20
25
30
ns
6
17
21
26
ns
tW
Clock pulse width
2
80
100
120
ns
4.5
16
20
24
ns
6
14
17
20
ns
tSU
Set-up time
Data and CE to clock
2
80
100
120
ns
4.5
16
20
24
ns
6
14
17
20
ns
tH
Hold time data to clock
2
1
1
1
ns
4.5
1
1
1
ns
6
1
1
1
ns
tREM
Removal time MR to clock
2
0
0
0
ns
4.5
0
0
0
ns
6
0
0
0
ns
tSU
Set-up time PE to CP
2
145
180
220
ns
4.5
29
36
44
ns
6
25
31
38
ns
tH
Hold time
PE to CP or CE
2
0
0
0
ns
4.5
0
0
0
ns
6
0
0
0
ns
HCT TYPES
fMAX
Clock frequency
4.5
25
20
16
MHz
tw
MR pulse width
4.5
35
44
53
ns
tw
Clock pulse width
4.5
20
25
30
ns
tSU
Set-up time data and CE to
clock
4.5
16
20
24
ns
tH
Hold time data to clock
4.5
0
0
0
ns
tREM
Removal time MR to clock
4.5
0
0
0
ns
tSU
Set-up time PE to CP
4.5
30
38
45
ns
tH
Hold time PE to CP or CE
4.5
0
0
0
ns
CD54HC166, CD54HCT166, CD74HC166, CD74HCT166
SCHS157D – FEBRUARY 1998 – REVISED FEBRUARY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC166 CD54HCT166 CD74HC166 CD74HCT166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com