Electronic Components Datasheet Search
  English  ▼

X  

0807083 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0807083
Description  KME - Cable marker carrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807083 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0807083 Datasheet HTML 1Page - PHOENIX CONTACT 0807083 Datasheet HTML 2Page - PHOENIX CONTACT 0807083 Datasheet HTML 3Page - PHOENIX CONTACT 0807083 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker carrier, white, unmarked, mounting type: Assembly with cable ties, cable diameter:
> 5 mm, text field height: 8 mm, text field width: 20 mm
Your advantages
The polyamide conductor and cable marker can be used as a universal marking label for conductor and cable bundles indoors
•
Can be labeled with a marker pen, by hand or using a label
•
Commercial data
Item number
0807083
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
BG12
Product key
BG231A
GTIN
4017918160197
Weight per piece (including packing)
0.566 g
Weight per piece (excluding packing)
0.5 g
Customs tariff number
39269097
Country of origin
PL
KME - Cable marker carrier
0807083
https://www.phoenixcontact.com/us/products/0807083
Aug 7, 2025, 7:11AM
Page 1 (4)


Similar Part No. - 0807083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0807083 PHOENIX-0807083 Datasheet
6Mb / 76P
THERMOMARK LINE
logo
List of Unclassifed Man...
0807083200 ETC2-0807083200 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 0807083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0811970 PHOENIX-0811970 Datasheet
44Kb / 2P
Terminal strip marker carrier - KLM 4
0828693 PHOENIX-0828693 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMD 300
0830670 PHOENIX-0830670 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMH 300
0822495 PHOENIX-0822495 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 1/30
09/11/2020
0823753 PHOENIX-0823753 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 2/18
09/11/2020
1013106 PHOENIX-1013106 Datasheet
53Kb / 3P
Conductor marker carrier - PATG 9/15
09/11/2020
1014107 PHOENIX-1014107 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (29X8)
09/11/2020
1014109 PHOENIX-1014109 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (40X17)
09/11/2020
0830425 PHOENIX-0830425 Datasheet
57Kb / 3P
Cable marker carrier - WM-CARRIER/B (85X15)LPR
09/11/2020
0830721 PHOENIX-0830721 Datasheet
66Kb / 4P
Cable marker carrier - KMK HP (29X8)
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com