Electronic Components Datasheet Search
  English  ▼

X  

0807083 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0807083
Description  KME - Cable marker carrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807083 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0807083 Datasheet HTML 1Page - PHOENIX CONTACT 0807083 Datasheet HTML 2Page - PHOENIX CONTACT 0807083 Datasheet HTML 3Page - PHOENIX CONTACT 0807083 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Marker carrier cable
Dimensions
Width
27.7 mm
Height
86.5 mm
Depth
5.8 mm
External dimensions
Outside diameter
1 mm ... 20 mm
Text field
Text field width
20 mm
Text field height
8 mm
Material specifications
Color
white (RAL 9010)
Material
PA
Flammability rating according to UL 94
V2
Relative insulation material temperature index (Elec., UL 746 B)
125 °C
Components
free from silicone and halogen
Cable/line
External cable diameter
> 5.00 mm
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Mounting
Mounting type
Assembly with cable ties
KME - Cable marker carrier
0807083
https://www.phoenixcontact.com/us/products/0807083
Aug 7, 2025, 7:11AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com