Electronic Components Datasheet Search
  English  ▼

X  

0808053 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0808053
Description  PATG 8/23 - Conductor marker carrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808053 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0808053 Datasheet HTML 1Page - PHOENIX CONTACT 0808053 Datasheet HTML 2Page - PHOENIX CONTACT 0808053 Datasheet HTML 3Page - PHOENIX CONTACT 0808053 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker carrier, transparent, unmarked, cable diameter range: 30 ... 35 mm, mounting
type: slide-on, text field height: 4 mm, text field width: 23 mm
Your advantages
The corresponding UC‑WMT ..., US‑WMT ..., and EMT ... insert labels are used for marking
•
These conductor marking systems consist of marker carriers and insert labels
•
The PATG ... collar is a captive marker carrier
•
Can be used to mark conductors with a diameter of 0.6 mm ... 50 mm
•
Commercial data
Item number
0808053
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
BG12
Product key
BG221A
GTIN
4017918168926
Weight per piece (including packing)
3.17 g
Weight per piece (excluding packing)
3.15 g
Customs tariff number
39269097
Country of origin
DE
PATG 8/23 - Conductor marker carrier
0808053
https://www.phoenixcontact.com/us/products/0808053
Aug 7, 2025, 7:12AM
Page 1 (4)


Similar Part No. - 0808053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0808053200 ETC2-0808053200 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 0808053

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0828693 PHOENIX-0828693 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMD 300
0830670 PHOENIX-0830670 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMH 300
0822495 PHOENIX-0822495 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 1/30
09/11/2020
0823753 PHOENIX-0823753 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 2/18
09/11/2020
1013106 PHOENIX-1013106 Datasheet
53Kb / 3P
Conductor marker carrier - PATG 9/15
09/11/2020
1013148 PHOENIX-1013148 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 4/15
09/11/2020
1013889 PHOENIX-1013889 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 2/10
09/11/2020
1013892 PHOENIX-1013892 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 1/23
09/11/2020
1014049 PHOENIX-1014049 Datasheet
54Kb / 3P
Conductor marker carrier - PATG HF 1/30
09/11/2020
0830425 PHOENIX-0830425 Datasheet
57Kb / 3P
Cable marker carrier - WM-CARRIER/B (85X15)LPR
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com