Electronic Components Datasheet Search
  English  ▼

X  

0808053 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0808053
Description  PATG 8/23 - Conductor marker carrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808053 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0808053 Datasheet HTML 1Page - PHOENIX CONTACT 0808053 Datasheet HTML 2Page - PHOENIX CONTACT 0808053 Datasheet HTML 3Page - PHOENIX CONTACT 0808053 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Marker carrier cable
Dimensions
Width
23 mm
Height
50 mm
Depth
21.8 mm
External dimensions
Outside diameter
30 mm ... 35 mm
External diameter min.
30 mm
External diameter max.
35 mm
Text field
Text field width
23 mm
Text field height
4 mm
Material specifications
RoHS compliant
yes
Color
transparent
Material
PVC
Flammability rating according to UL 94
V0
Components
Silicone-free
Cable/line
External cable diameter
30 mm ... 35 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-50 °C ... 80 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Mounting
Mounting type
slide-on
PATG 8/23 - Conductor marker carrier
0808053
https://www.phoenixcontact.com/us/products/0808053
Aug 7, 2025, 7:12AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com