Electronic Components Datasheet Search
  English  ▼

X  

THS4061CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4061CD
Description  180-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4061CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4061CD Datasheet HTML 3Page - Texas Instruments THS4061CD Datasheet HTML 4Page - Texas Instruments THS4061CD Datasheet HTML 5Page - Texas Instruments THS4061CD Datasheet HTML 6Page - Texas Instruments THS4061CD Datasheet HTML 7Page - Texas Instruments THS4061CD Datasheet HTML 8Page - Texas Instruments THS4061CD Datasheet HTML 9Page - Texas Instruments THS4061CD Datasheet HTML 10Page - Texas Instruments THS4061CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = full range, VCC = ±15 V, RL = 1 kΩ (unless otherwise noted)
(continued)
input characteristics
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common-mode input voltage range
VCC = ±15 V
±13.8 ±14.1
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
CMRR
Common mode rejection ratio
VCC = ±15 V,
VICR = ±12 V
70
86
dB
CMRR
Common mode rejection ratio
VCC = ±5 V,
VICR = ±2.5 V
80
90
dB
RI
Input resistance
1
M
Ω
Ci
Input capacitance
2
pF
† Full range = −55°C to 125°C for M suffix
output characteristics
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 250 Ω
±12 ±13.1
V
VO
Output voltage swing
VCC = ±5 V
RL = 150 Ω
±3.2
±3.5
V
VO
Output voltage swing
VCC = ±15 V
RL = 1 kΩ
±13 ±13.5
V
VCC = ±5 V
RL = 1 kΩ
±3.5
±3.7
V
IO
Output current
VCC = ±15 V
RL = 20 Ω
70
115
mA
IO
Output current
VCC = ±5 V
RL = 20 Ω
50
75
mA
ISC
Short-circuit current
VCC = ±15 V
TA = 25°C
150
mA
RO
Output resistance
Open loop
12
Ω
† Full range = −55°C to 125°C for M suffix
power supply
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
7.8
9
ICC
Quiescent current
VCC = ±5 V
TA = 25°C
7.3
8.5
mA
ICC
Quiescent current
VCC = ±15 V
TA = full range
11
mA
VCC = ±5 V
TA = full range
10.5
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25°C
76
80
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
74
78
dB
† Full range = −55°C to 125°C for M suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com